전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLL2705TRPBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRLL2705TRPBF
상세설명  DYNAMIC DV/DT RATING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLL2705TRPBF 데이터시트(HTML) 5 Page - International Rectifier

  IRLL2705TRPBF Datasheet HTML 1Page - International Rectifier IRLL2705TRPBF Datasheet HTML 2Page - International Rectifier IRLL2705TRPBF Datasheet HTML 3Page - International Rectifier IRLL2705TRPBF Datasheet HTML 4Page - International Rectifier IRLL2705TRPBF Datasheet HTML 5Page - International Rectifier IRLL2705TRPBF Datasheet HTML 6Page - International Rectifier IRLL2705TRPBF Datasheet HTML 7Page - International Rectifier IRLL2705TRPBF Datasheet HTML 8Page - International Rectifier IRLL2705TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLL2705PbF
www.irf.com
5
+
-
VDS
10V
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
10V
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
Fig 9a. Basic Gate Charge Waveform
Fig 9b. Gate Charge Test Circuit
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
A
P
t 2
1
t
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A


유사한 부품 번호 - IRLL2705TRPBF

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRLL2705TRPBF VBSEMI-IRLL2705TRPBF Datasheet
964Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - IRLL2705TRPBF

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
   Dynamic dv/dt Rating
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
   Dynamic dV/dT Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
   Dynamic dV/dT Rating
2015-11-23
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
   Dynamic dV/dt Rating
logo
Kersemi Electronic Co.,...
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
IRFR9110TRR KERSEMI-IRFR9110TRR Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
IRFR9120TRL KERSEMI-IRFR9120TRL Datasheet
4Mb / 7P
   Dynamic dV/dt Rating
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com