전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4425CS 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 ML4425CS
상세설명  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425CS 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  ML4425CS Datasheet HTML 1Page - Fairchild Semiconductor ML4425CS Datasheet HTML 2Page - Fairchild Semiconductor ML4425CS Datasheet HTML 3Page - Fairchild Semiconductor ML4425CS Datasheet HTML 4Page - Fairchild Semiconductor ML4425CS Datasheet HTML 5Page - Fairchild Semiconductor ML4425CS Datasheet HTML 6Page - Fairchild Semiconductor ML4425CS Datasheet HTML 7Page - Fairchild Semiconductor ML4425CS Datasheet HTML 8Page - Fairchild Semiconductor ML4425CS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PRODUCT SPECIFICATION
ML4425
REV. 1.0.2 7/2/01
5
Notes:
1. Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
2. For explanation of states, see Figure 4 and Table 1.
3. The BRAKE and UV FAULT pins each have an internal 4k
Ω resistor to the internal reference.
Logic Outputs (VCO/TACH, UV FAULT) (Note 3)
VCO/TACH Output High Voltage IOUT = –100µA
2.2
V
VCO/TACH Output Low Voltage
IOUT = 400µA
0.6
V
UV FAULT Output High Voltage
IOUT = –10µA
C Suffix
3.4
4.5
5.4
V
I Suffix
3.2
5.6
V
UV FAULT Output Low Voltage
IOUT = 400µA
0.6
V
Back-EMF Sampler
SPEED FB Align Mode Voltage
125
250
mV
SPEED FB Ramp Mode Current
C Suffix
500
720
nA
I Suffix
500
750
nA
SPEED FB Run Mode Current
State A, CRT = 5V,
VPHB = VDD/3
C Suffix
30
90
µA
I Suffix
27
90
µA
State A, CRT = 5V, VPHB = VDD/2
–15
15
µA
State A, CRT = 5V,
VPHB = 2↔VDD/3
C Suffix
–90
–30
µA
I Suffix
–90
–27
µA
Output Drivers
High Side Driver Output Low
Current
VHX
= 2V
0.5
1.2
mA
High Side Driver Output High
Voltage
IHX
= –10µAVCC – 1.3
V
Low Side Driver Output Low
Voltage
ILX
= 1mA
0.2
0.7
V
Low Side Driver Output High
Voltage
V(ISENSE) = 0V
C Suffix VDD – 2.2
V
I Suffix
VDD – 2.9
V
Phase C Cross-conduction
Lockout Threshold
VDD – 3.0
V
Supply
IDD
VDD Current
32
50
mA
UVLO Threshold
C Suffix
8.8
9.5
10.2
V
I Suffix
8.6
10.3
V
UVLO Hysteresis
150
mV
Electrical Characteristics (continued)
Unless otherwise specified, VDD = 12V ± 10%, RSENSE = 1Ω, CVCO = 10nF, CIOS = 100pF, RREF = 137kΩ,
TA = Operating Temperature Range (Notes 1, 2).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units


유사한 부품 번호 - ML4425CS

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4425CS MICRO-LINEAR-ML4425CS Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

유사한 설명 - ML4425CS

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com