전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4800CP 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 ML4800CP
상세설명  Power Factor Correction and PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4800CP 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button ML4800CP Datasheet HTML 6Page - Fairchild Semiconductor ML4800CP Datasheet HTML 7Page - Fairchild Semiconductor ML4800CP Datasheet HTML 8Page - Fairchild Semiconductor ML4800CP Datasheet HTML 9Page - Fairchild Semiconductor ML4800CP Datasheet HTML 10Page - Fairchild Semiconductor ML4800CP Datasheet HTML 11Page - Fairchild Semiconductor ML4800CP Datasheet HTML 12Page - Fairchild Semiconductor ML4800CP Datasheet HTML 13Page - Fairchild Semiconductor ML4800CP Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ML4800
10
REV. 1.0.2 3/7/2001
FUNCTIONAL DESCRIPTION (Continued)
Oscillator (RAMP 1)
The oscillator frequency is determined by the values of RT
and CT, which determine the ramp and off-time of the
oscillator output clock:
(2)
The dead time of the oscillator is derived from the
following equation:
(3)
at VREF = 7.5V:
The dead time of the oscillator may be determined using:
(4)
The dead time is so small (tRAMP >> tDEADTIME) that the
operating frequency can typically be approximated by:
(5)
EXAMPLE:
For the application circuit shown in the data sheet, with
the oscillator running at:
Solving for RT x CT yields 1.96 x 10-4. Selecting standard
components values, CT = 390pF, and RT = 51.1kΩ.
The dead time of the oscillator adds to the Maximum
PWM Duty Cycle (it is an input to the Duty Cycle Limiter).
With zero oscillator dead time, the Maximum PWM Duty
Cycle is typically 45%. In many applications, care should
be taken that CT not be made so large as to extend the
Maximum Duty Cycle beyond 50%. This can be
accomplished by using a stable 390pF capacitor for CT.
PWM SECTION
Pulse Width Modulator
The PWM section of the ML4800 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, from which it also derives its basic
timing. The PWM is capable of current-mode or voltage
mode operation. In current-mode applications, the PWM
ramp (RAMP 2) is usually derived directly from a current
sensing resistor or current transformer in the primary of
the output stage, and is thereby representative of the
current flowing in the converter’s output stage. DC ILIMIT,
which provides cycle-by-cycle current limiting, is
typically connected to RAMP 2 in such applications. For
voltage-mode operation or certain specialized
applications, RAMP 2 can be connected to a separate RC
timing network to generate a voltage ramp against which
VDC will be compared. Under these conditions, the use of
voltage feedforward from the PFC buss can assist in line
regulation accuracy and response. As in current mode
operation, the DC ILIMIT input would is used for output
stage overcurrent protection.
No voltage error amplifier is included in the PWM stage of
the ML4800, as this function is generally performed on the
output side of the PWM’s isolation boundary. To facilitate
the design of optocoupler feedback circuitry, an offset has
been built into the PWM’s RAMP 2 input which allows
VDC to command a zero percent duty cycle for input
voltages below 1.25V.
PWM Current Limit
The DC ILIMIT pin is a direct input to the cycle-by-cycle
current limiter for the PWM section. Should the input
voltage at this pin ever exceed 1V, the output of the PWM
will be disabled until the output flip-flop is reset by the
clock pulse at the start of the next PWM power cycle.
VIN OK Comparator
The VIN OK comparator monitors the DC output of the
PFC and inhibits the PWM if this voltage on VFB is less
than its nominal 2.45V. Once this voltage reaches 2.45V,
which corresponds to the PFC output capacitor being
charged to its rated boost voltage, the soft-start begins.
PWM Control (RAMP 2)
When the PWM section is used in current mode, RAMP 2
is generally used as the sampling point for a voltage
representing the current in the primary of the PWM’s
output transformer, derived either by a current sensing
resistor or a current transformer. In voltage mode, it is the
input for a ramp voltage generated by a second set of
timing components (RRAMP2, CRAMP2), that will have a
minimum value of zero volts and should have a peak
value of approximately 5V. In voltage mode operation,
feedforward from the PFC output buss is an excellent way
to derive the timing ramp for the PWM stage.
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 25
µA supplies
the charging current for the capacitor, and start-up of the
PWM begins at 1.25V. Start-up delay can be programmed
by the following equation:
f
tt
OSC
RAMP
DEADTIME
=
+
1
tC
R
In
V
V
RAMP
T
T
REF
REF
×
125
375
.
.
tC
R
RAMP
T
T
× 051
.
t
V
mA
CC
DEADTIME
T
T
=
×
25
55
450
.
.
f
t
OSC
RAMP
=
1
fkHz
t
OSC
RAMP
==
100
1


유사한 부품 번호 - ML4800CP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Internally synchronized leading-edge PFC and trailing-edge PWM in one IC
More results

유사한 설명 - ML4800CP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com