전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4801CS 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 ML4801CS
상세설명  Variable Feedforward PFC/PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4801CS 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button ML4801CS Datasheet HTML 2Page - Fairchild Semiconductor ML4801CS Datasheet HTML 3Page - Fairchild Semiconductor ML4801CS Datasheet HTML 4Page - Fairchild Semiconductor ML4801CS Datasheet HTML 5Page - Fairchild Semiconductor ML4801CS Datasheet HTML 6Page - Fairchild Semiconductor ML4801CS Datasheet HTML 7Page - Fairchild Semiconductor ML4801CS Datasheet HTML 8Page - Fairchild Semiconductor ML4801CS Datasheet HTML 9Page - Fairchild Semiconductor ML4801CS Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ML4801
6
REV. 1.1 3/9/2001
FUNCTIONAL DESCRIPTION
The ML4801 consists of a combined average-current-
controlled, continuous boost Power Factor Corrector (PFC)
front end and a synchronized Pulse Width Modulator
(PWM) back end. It is distinguished from earlier combo
controllers by its dramatically reduced start-up and
operating currents. The PWM section is intended to be
used in current mode. The PWM stage uses conventional
trailing-edge duty cycle modulation, while the PFC uses
leading-edge modulation. This patented leading/trailing
edge modulation technique results in a higher useable
PFC error amplifier bandwidth, and can significantly
reduce the size of the PFC DC buss capacitor.
The synchronization of the PWM with the PFC simplifies
the PWM compensation due to the reduced ripple on the
PFC output capacitor (the PWM input capacitor). The
PWM section of the ML4801 runs at twice the frequency
of the PFC, which allows the use of smaller PWM output
magnetics and filter capacitors while holding down the
losses in the PFC stage power components.
In addition to power factor correction, a number of
protection features have been built into the ML4801.
These include soft-start, PFC over-voltage protection, peak
current limiting, brown-out protection, duty cycle limit,
and under-voltage lockout.
POWER FACTOR CORRECTION
Power factor correction makes a non-linear load look like
a resistive load to the AC line. For a resistor, the current
drawn from the line is in phase with, and proportional to,
the line voltage, so the power factor is unity (one). A
common class of non-linear load is the input of most
power supplies, which use a bridge rectifier and
capacitive input filter fed from the line. The peak-
charging effect which occurs on the input filter capacitor
in such a supply causes brief high-amplitude pulses of
current to flow from the power line, rather than a
sinusoidal current in phase with the line voltage. Such a
supply presents a power factor to the line of less than one
(another way to state this is that it causes significant
current harmonics to appear at its input). If the input
current drawn by such a supply (or any other non-linear
load) can be made to follow the input voltage in
instantaneous amplitude, it will appear resistive to the AC
line and a unity power factor will be achieved.
To maintain the input current of a device drawing power
from the AC line in phase with, and proportional to, the
input voltage, a way must be found to cause that device
to load the line in proportion to the instantaneous line
voltage. The PFC section of the ML4801 uses a boost-
mode DC-DC converter to accomplish this. The input to
the converter is the full wave rectified AC line voltage.
No filtering is applied following the bridge rectifier, so the
input voltage to the boost converter ranges, at twice line
frequency, from zero volts to the peak value of the AC
input and back to zero. By forcing the boost converter to
meet two simultaneous conditions, it is possible to ensure
that the current which the converter draws from the power
line matches the instantaneous line voltage. One of these
conditions is that the output voltage of the boost converter
must be set higher than the peak value of the line
voltage. A commonly used value is 385VDC, to allow for
a high line of 270VACrms. The other condition is that the
current which the converter is allowed to draw from the
line at any given instant must be proportional to the line
voltage. The first of these requirements is satisfied by
establishing a suitable voltage control loop for the
converter, which sets an average operating level for a
current error amplifier and switching output driver. The
second requirement is met by using the rectified AC line
voltage to modulate the instantaneous input of the current
control loop. Such modulation causes the current error
amplifier to command a power stage current which varies
directly with the input voltage. In order to prevent ripple
which will necessarily appear at the output of the boost
circuit (typically about 10VAC on a 385V DC level), from
introducing distortion back through the voltage error
amplifier, the bandwidth of the voltage loop is
deliberately kept low. A final refinement is to adjust the
overall gain of the PFC such to be proportional to 1/VIN2,
which linearizes the transfer function of the system as the
AC input voltage varies.
Since the boost converter topology in the ML4801 PFC is
of the current-averaging type, no slope compensation is
required.
PFC SECTION
Gain Modulator
Figure 1 shows a block diagram of the PFC section of the
ML4801. The gain modulator is the heart of the PFC, as it
is this circuit block which controls the response of the
current loop to line voltage waveform and frequency, rms
line voltage, and PFC output voltage. There are three
inputs to the gain modulator. These are:
1) A current representing the instantaneous input voltage
(amplitude and waveshape) to the PFC. The rectified
AC input sine wave is converted to a proportional
current via an (external) resistor and is then fed into the
gain modulator at IAC. Sampling current in this way
minimizes ground noise, as is required in high power
switching power conversion environments. The gain
modulator responds linearly to this current.
2) A voltage proportional to the long-term rms AC line
voltage, derived from the rectified line voltage after
scaling and filtering. This signal is presented to the
gain modulator at VRMS. The gain modulator’s output is


유사한 부품 번호 - ML4801CS

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4801CS MICRO-LINEAR-ML4801CS Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
More results

유사한 설명 - ML4801CS

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 MICRO-LINEAR-ML4801 Datasheet
248Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Fairchild Semiconductor
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com