전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-18UNS-2B 데이터시트(PDF) 29 Page - ITT Industries

부품명 4-18UNS-2B
상세설명  ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

4-18UNS-2B 데이터시트(HTML) 29 Page - ITT Industries

Back Button 4-18UNS-2B Datasheet HTML 25Page - ITT Industries 4-18UNS-2B Datasheet HTML 26Page - ITT Industries 4-18UNS-2B Datasheet HTML 27Page - ITT Industries 4-18UNS-2B Datasheet HTML 28Page - ITT Industries 4-18UNS-2B Datasheet HTML 29Page - ITT Industries 4-18UNS-2B Datasheet HTML 30Page - ITT Industries 4-18UNS-2B Datasheet HTML 31Page - ITT Industries 4-18UNS-2B Datasheet HTML 32Page - ITT Industries 4-18UNS-2B Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
A-100
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MIL-DTL-5015 Bulkhead Receptacles
BFR/TBF
Pressurized Bulkhead Receptacle
Mounting Dimensions
BFR pressurized bulkhead receptacles withstand the air leakage
requirements of MIL-C-5015 not to exceed 1 cu. in. of air per
hour when subjected to a pressure differential of 30 psi at -55°C.
Insulators are resilient material bonded to aluminum shell. Both
pin and socket assemblies are available. The BFR will mate with
standard MS type 3106 and 3108 plugs.
TYPE 1
Shell
Insulator
Lock Nut
O Ring
Position Pin
Mounting
Part No. Example
Standard
Polychloroprene
Hex with 6 wire holes
Neoprene
Standard
Figure 1 or 2
BFR-14S-SP-1
BFR
Shell
Size
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
C
Max.
.853 (21.67)
.853 (21.67)
.853 (21.67)
.853 (21.67)
.853 (21.67)
.853 (21.67)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
1.244 (31.60)
G
Max.
.895 (22.73)
1.015 (25.78)
1.015 (25.78)
1.077 (27.36)
1.203 (30.56)
1.327 (33.71)
1.077 (27.36)
1.203 (30.56)
1.327 (33.71)
1.453 (36.91)
1.577 (40.06)
1.577 (40.06)
1.827 (48.41)
1.953 (49.61)
2.203 (55.96)
2.577 (65.46)
H
Max.
1.077 (27.36)
1.203 (30.56)
1.203 (30.56)
1.327 (33.71)
1.453 (36.91)
1.577 (40.06)
1.327 (33.71)
1.453 (36.91)
1.577 (40.06)
1.703 (43.26)
1.827 (46.41)
1.953 (49.61)
2.077 (52.76)
2.327 (59.11)
2.577 (65.45)
2.827 (71.81)
L
Max.
1.087 (27.61)
1.087 (27.61)
1.087 (27.61)
1.087 (27.61)
1.087 (27.61)
1.087 (27.61)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
1.525 (38.74)
M
Max.
.702 (17.83)
.822 (20.88)
.822 (20.88)
.955 (24.26)
1.072 (27.23)
1.265 (32.13)
.955 (24.26)
1.072 (27.23)
1.265 (32.13)
1.395 (35.43)
1.515 (38.48)
1.635 (41.53)
1.765 (44.83)
2.015 (51.18)
2.205 (56.01)
2.455 (62.36)
N
Max.
.820 (20.83)
.960 (24.38)
.960 (24.38)
1.110 (28.19)
1.250 (31.75)
1.460 (37.08)
1.110 (28.19)
1.250 (31.75)
1.460 (37.08)
1.610 (40.89)
1.750 (44.45)
1.900 (48.26)
2.030 (51.56)
2.330 (59.18)
2.550 (64.77)
2.840 (72.14)
#16
.140 (3.56)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
#12
-
-
-
-
-
-
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
T Max.
Solder Pot Ext.
#8
-
-
-
-
-
-
-
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
#4
-
-
-
-
-
-
-
-
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.125 (3.18)
#0
-
-
-
-
-
-
-
-
-
-
.359 (9.12)
.359 (9.12)
.359 (9.12)
.359 (9.12)
.359 (9.12)
.359 (9.12)
V
Max.
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.375 (9.52)
.312 (7.92)
Shell Size
A Thread
8S
1/2-28UNEF-2A
10S
5/8-24UNEF-2A
10SL
5/8-24UNEF-2A
12S
3/4-20UNEF-2A
14S
7/8-20UNEF-2A
16S
1-20UNEF-2A
12
3/4-20UNEF-2A
14
7/8-20UNEF-2A
Shell Size
A Thread
16
1-20UNEF-2A
18
1-1/8-18UNEF-2A
20
1-1/4-18UNEF-2A
22
1-3/8-18UNEF-2A
24
1-1/2-18UNEF-2A
28
1-3/4-18UNS-2A
32
2-18UNS-2A
36
2-1/4-16UN-2A
AE
F
±.005
+.015 (0.38)
±.005
Shell Size
(0.13)
-.000 (0.00)
(0.13)
8S
.323 (8.20)
.500 (12.70)
.373 (9.47)
10S, 10SL
.385 (9.78)
.625 (15.88)
.435 (11.05)
12S, 12
.448 (11.38)
.750 (19.05)
.498 (12.65)
14S, 14
.510 (12.95)
.875 (22.22)
.560 (14.22)
16S, 16
.573 (14.55)
1.000 (25.40)
.623 (15.82)
18
.635 (16.13)
1.125 (28.58)
.685 (17.40)
AE
F
±.005
+.015 (0.38)
±.005
Shell Size
(0.13)
-.000 (0.00)
(0.13)
20
.698 (17.73)
1.250 (31.75)
.748 (19.00)
22
.760 (19.30)
1.375 (34.92)
.810 (20.57)
24
.823 (20.90)
1.500 (38.10)
.873 (22.17)
28
.948 (24.08)
1.750 (44.45)
.998 (25.35)
32
1.073 (27.25) 2.000 (50.80)
1.123 (28.52)
36
1.198 (30.43) 2.250 (57.15)
1.248 (31.70)
Performance Specifications - Page XX
Contacts, Sealing Plugs, Assembly Tool - Page XX
Contact Arrangements - Page XX
Across Hex
N
M
L
C
T
G
H
A
Thd.
V Panel Thickness
Standard Position
Pin is 3/32" Dia.
E
A
E
F
.102 (2.59)
.097 (2.46) DIA
.102 (2.59)
.097 (2.46) DIA
Fig. 1
Fig. 2
Performance Specifications - Page A-84
Contact, Ceiling Plugs, Assembly Tools - Page A-105
Contact Arrangements - Page A-85 – A-89
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 100


유사한 부품 번호 - 4-18UNS-2B

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-18019-4 TEC-4-18019-4 Datasheet
823Kb / 1P
   TOLERANCES UNLESS OTHERWISE SPECIFIED:
4-18024-4 TEC-4-18024-4 Datasheet
4Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
4-1803000-0 TEC-4-1803000-0 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
4-1803000-1 TEC-4-1803000-1 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
4-1803000-2 TEC-4-1803000-2 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results

유사한 설명 - 4-18UNS-2B

제조업체부품명데이터시트상세설명
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
List of Unclassifed Man...
DPXAMA-26-33S ETC2-DPXAMA-26-33S Datasheet
2Mb / 120P
   ITT Electronic Components is a division of the multinational ITT Corporation a $7.5billion dollar global enterprise.
logo
ITT Industries
KPT02E22-36PW ITT-KPT02E22-36PW Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com