전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4803IP-1 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 ML4803IP-1
상세설명  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4803IP-1 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  ML4803IP-1 Datasheet HTML 1Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 2Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 3Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 4Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 5Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 6Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 7Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 8Page - Fairchild Semiconductor ML4803IP-1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
ML4803
REV. 1.1.3 8/3/01
3
Electrical Characteristics
Unless otherwise specified, VCC = 15V, TA = Operating Temperature Range (Note 1)
Note:
1. Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
One-pin Error Amplifier
VEAO Output Current
TA = 25°C, VEAO = 6V
33.5
35.0
36.5
µA
Line Regulation
10V < VCC < 15V, VEAO = 6V
0.1
0.3
µA
VCC OVP Comparator
Threshold Voltage
TA = 0°C to 70°C
15.5
16.3
16.8
V
PFC ILIMIT Comparator
Threshold Voltage
-0.9
-1
-1.15
V
Delay to Output
150
300
ns
DC ILIMIT Comparator
Threshold Voltage
1.4
1.5
1.6
V
Delay to Output
150
300
ns
Oscillator
Initial Accuracy
TA = 25°C
62
67
74
kHz
Voltage Stability
10V < VCC < 15V
1
%
Temperature Stability
2
%
Total Variation
Over Line and Temp
60
67
74.5
kHz
Dead Time
PFC Only
0.3
0.45
0.65
µs
PFC
Minimum Duty Cycle
VEAO > 7.0V,ISENSE = -0.2V
0
%
Maximum Duty Cycle
VEAO < 4.0V,ISENSE = 0V
90
95
%
Output Low Impedance
8
15
Output Low Voltage
IOUT = –100mA
0.8
1.5
V
IOUT = –10mA, VCC = 8V
0.7
1.5
V
Output High Impedance
8
15
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time
CL = 1000pF
50
ns
PWM
Duty Cycle Range
TA = 0°C to 70°C, ML4803-2
0-43
0-47
0-50
%
TA = 0°C to 70°C, ML4803-1
0-49.5
0-50
%
Output Low Impedance
8
15
Output Low Voltage
IOUT = –100mA
0.8
1.5
V
IOUT = –10mA, VCC = 8V
0.7
1.5
V
Output High Impedance
8
15
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time
CL = 1000pF
50
ns
Supply
VCC Clamp Voltage (VCCZ)ICC = 10mA
16.7
17.5
18.3
V
Start-up Current
VCC = 11V, CL = 0
0.2
0.4
mA
Operating Current
VCC = 15V, CL = 0
2.5
4
mA
Undervoltage Lockout Threshold
11.5
12
12.5
V
Undervoltage Lockout Hysteresis
2.4
2.9
3.4
V


유사한 부품 번호 - ML4803IP-1

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4803IP-1 MICRO-LINEAR-ML4803IP-1 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
More results

유사한 설명 - ML4803IP-1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com