전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4804CS 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 ML4804CS
상세설명  Power Factor Correction and PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4804CS 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  ML4804CS Datasheet HTML 1Page - Fairchild Semiconductor ML4804CS Datasheet HTML 2Page - Fairchild Semiconductor ML4804CS Datasheet HTML 3Page - Fairchild Semiconductor ML4804CS Datasheet HTML 4Page - Fairchild Semiconductor ML4804CS Datasheet HTML 5Page - Fairchild Semiconductor ML4804CS Datasheet HTML 6Page - Fairchild Semiconductor ML4804CS Datasheet HTML 7Page - Fairchild Semiconductor ML4804CS Datasheet HTML 8Page - Fairchild Semiconductor ML4804CS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ML4804
REV. 1.0.2 3/9/2001
5
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
Output Voltage
TA = 25°C, I(VREF) = 1mA
7.4
7.5
7.6
V
Line Regulation
11V < VCC < 16.5V
10
25
mV
Load Regulation
0mA < I(VREF) < 10mA;
10
20
mV
TA = 0ºC to 70ºC
0mA <I(VREF) <5mA:
10
20
mV
TA = –40ºC to 85ºC
Temperature Stability
0.4
%
Total Variation
Line, Load, Temp
7.35
7.65
V
Long Term Stability
TJ = 125°C, 1000 Hours
5
25
mV
PFC
Minimum Duty Cycle
VIEAO > 4.0V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
90
95
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.7
2.0
V
IOUT = 10mA, VCC = 9V
0.4
0.8
V
Output High Voltage
IOUT = 20mA
VCC – 0.8V
V
IOUT = 100mA
VCC - 2V
V
Rise/Fall Time
CL = 1000pF
50
ns
PWM
Duty Cycle Range
0-44
0-47
0-49
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.7
2.0
V
IOUT = 10mA, VCC = 9V
0.4
0.8
V
Output High Voltage
IOUT = 20mA
VCC – 0.8V
V
IOUT = 100mA
VCC - 2V
V
Rise/Fall Time
CL = 1000pF
50
ns
SUPPLY
Start-up Current
VCC = 12V, CL = 0
200
350
µA
Operating Current
14V, CL = 0
5.5
7
mA
Undervoltage Lockout Threshold
12.4
13
13.6
V
Undervoltage Lockout Hysteresis
(Note 4)
2.5
2.8
3.1
V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: Includes all bias currents to other circuits connected to the VFB pin.
Note 3: Gain = K x 5.3V; K = (IGAINMOD - IOFFSET) x [IAC (VEAO - 0.625)]-1; VEAOMAX=5V.
Note 4: UVLO Hysteresis


유사한 부품 번호 - ML4804CS

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4804CS MICRO-LINEAR-ML4804CS Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results

유사한 설명 - ML4804CS

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com