전자부품 데이터시트 검색엔진 |
|
MC7448VS1267NC 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MC7448VS1267NC 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 12 page MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6 Freescale Semiconductor 9 Part Numbering and Marking 11 Part Numbering and Marking 11.1 Part Numbers Addressed by This Specification Table 17 provides the ordering information for the MPC7448 parts described in this document. Table 17. Part Marking Nomenclature xx 7448 xx nnnn N x Product Code Part Identifier Package Processor Frequency Application Modifier Revision Level MC PPC 1 7448 HX = HCTE BGA VS = RoHS LGA VU = RoHS BGA 600 667 800 867 1000 N: 1.0 V ± 50 mV 0 to 105 °C C:2.1: PVR = 0x8004_0201 D:2.2: PVR = 0x8004_0202 1250 N: 1.1 V ± 50 mV 0 to 105 °C MC PPC 1 1267 Revision C only N: 1.1 V ± 50 mV 0 to 105 °C MC PPC 1 1267 Revision D only N: 1.05 V ± 50 mV 0 to 105 °C MC 1400 N: 1.15 V ± 50 mV 0 to 105 °C (date code 0613 and later) 2 MC PPC 1 1400 N: 1.1 V ± 50 mV 0 to 105 °C (date code 0612 and prior) 2 Notes: 1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur as pilot production prototypes are shipped. 2. Core voltage for 1400 MHz devices currently in production (date code of 0613 and later) is 1.15 V ± 50 mV; all such devices have the MC product code. The 1400 MHz devices with date code of 0612 and prior specified core voltage of 1.1 V ± 50 mV; this includes all 1400 MHz devices with the PPC product code. See Section 11.3, “Part Marking,” for information on part marking. |
유사한 부품 번호 - MC7448VS1267NC |
|
유사한 설명 - MC7448VS1267NC |