전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4812CP 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 ML4812CP
상세설명  Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4812CP 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button ML4812CP Datasheet HTML 2Page - Fairchild Semiconductor ML4812CP Datasheet HTML 3Page - Fairchild Semiconductor ML4812CP Datasheet HTML 4Page - Fairchild Semiconductor ML4812CP Datasheet HTML 5Page - Fairchild Semiconductor ML4812CP Datasheet HTML 6Page - Fairchild Semiconductor ML4812CP Datasheet HTML 7Page - Fairchild Semiconductor ML4812CP Datasheet HTML 8Page - Fairchild Semiconductor ML4812CP Datasheet HTML 9Page - Fairchild Semiconductor ML4812CP Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ML4812
6
REV. 1.0 10/10/2000
OUTPUT DRIVER STAGE
The ML4812 output driver is a 1A peak output high speed
totem pole circuit designed to quickly drive capacitive
loads, such as power MOSFET gates. (Figure 3)
ERROR AMPLIFIER
The ML4812 error amplifier is a high open loop gain,
wide bandwidth, amplifier.(Figures 4-5)
GAIN MODULATOR
The ML4812 gain modulator is of the current-input type
to provide high immunity to the disturbances caused by
high power switching. The rectified line input sine wave is
converted to a current via a dropping resistor. In this way,
small amounts of ground noise produce an insignificant
effect on the reference to the PWM comparator. The
output of the gain modulator is a current of the form: IOUT
is proportional to ISINE ↔ IEA, where ISINE is the current in
the dropping resistor, and IEA is a current proportional to
FUNCTIONAL DESCRIPTION (Continued)
Figure 5. Error Amplifier Open-Loop Gain and
Phase vs Frequency
Figure 7. Gain Modulator Linearity
5V
EA–
4
3
+
8V
0.5mA
EA OUT
Figure 4. Error Amplifier Configuration
the output of the error amplifier. When the error amplifier
is saturated high, the output of the gain modulator is
approximately equal to the ISINE input current. The gain
modulator output current is converted into the reference
voltage for the PWM comparator through a resistor to
ground on the gain modulator output. The gain modulator
output is clamped to 5V to provide current limiting.
Ramp compensation is accomplished by subtracting 1/2
of the current flowing out of RAMP COMP through a
buffer transistor driven by CT which is set by an external
resistor.
UNDER VOLTAGE LOCKOUT
On power-up the ML4812 remains in the UVLO
condition; output low and quiescent current low. The IC
becomes operational when VCC reaches 16V. When VCC
drops below 10V, the UVLO condition is imposed.
During the UVLO condition, the 5V VREF pin is “off”,
making it usable as a “flag” for starting up a downstream
PWM converter.
6
2
7
16
CT
RAMP COMP
GM OUT
ISINE
ERROR CURRENT
9V
5V
IRAMP COMP
ISINE × ERROR CURRENT
– IRAMP COMP/2
Figure 6. Gain Modulator Block Diagram
500
400
300
200
100
0
SINE INPUT CURRENT (µA)
0
200
300
500
400
100
4.5
4.0
3.5
3.0
2.5
2.0
1.5
FREQUENCY (Hz)
10
1k
1M
100
10k
10M
100k
100
80
60
40
20
0
-20
0
-30
-60
-90
-120
-150
-180
GAIN
PHASE


유사한 부품 번호 - ML4812CP

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4812CP MICRO-LINEAR-ML4812CP Datasheet
215Kb / 16P
   Power Factor Controller
More results

유사한 설명 - ML4812CP

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com