전자부품 데이터시트 검색엔진 |
|
CD214B-T28A 데이터시트(PDF) 3 Page - Bourns Electronic Solutions |
|
CD214B-T28A 데이터시트(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214B Transient Voltage Suppressor Diode Series Product Dimensions Recommended Pad Layout Physical Specifications Case ............................................Molded plastic per UL Class 94V-0 Polarity ........................Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight ....................................................0.003 ounces / 0.093 grams Dimension SMB (DO-214AA) A 4.06 - 4.57 (0.160 - 0.180) B 3.30 - 3.94 (0.130 - 0.155) C 1.96 - 2.21 (0.077 - 0.087) D 0.15 - 0.31 (0.006 - 0.112) E 5.21 - 5.59 (0.205 - 0.220) F 0.05 - 0.20 (0.002 - 0.008) G 2.01 - 2.62 (0.080 - 0.103) H 0.76 - 1.52 (0.030 - 0.060) B G F D C H E A A C B MM (INCHES) DIMENSIONS: Dimension SMB (DO-214AA) A (Max.) 2.69 (0.106) B (Min.) 2.10 (0.083) C (Min.) 1.27 (0.050) MM (INCHES) DIMENSIONS: |
유사한 부품 번호 - CD214B-T28A |
|
유사한 설명 - CD214B-T28A |