전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4821CS 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 ML4821CS
상세설명  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4821CS 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  ML4821CS Datasheet HTML 1Page - Fairchild Semiconductor ML4821CS Datasheet HTML 2Page - Fairchild Semiconductor ML4821CS Datasheet HTML 3Page - Fairchild Semiconductor ML4821CS Datasheet HTML 4Page - Fairchild Semiconductor ML4821CS Datasheet HTML 5Page - Fairchild Semiconductor ML4821CS Datasheet HTML 6Page - Fairchild Semiconductor ML4821CS Datasheet HTML 7Page - Fairchild Semiconductor ML4821CS Datasheet HTML 8Page - Fairchild Semiconductor ML4821CS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML4821
PRODUCT SPECIFICATION
4
REV. 1.0.2 6/19/01
Voltage Error Amplifier
Input Offset Voltage
0
–15
mV
Input Bias Current
–50
–800
nA
Open Loop Gain
2 < EA OUT < 6V
60
75
dB
PSRR
12V < VCC < 24V
70
100
dB
Output Sink Current
EA OUT = 4V, INV = 5.5V
300
500
µA
Output Source Current
EA OUT = 4.0V, INV = 4.8V
–10
–30
mA
Output High Voltage
IPIN6 = –5mA, VPIN7 = 4.8V
7.0
7.5
V
Output Low Voltage
IPIN6 = 0, EA– = 5.5V
0
0.5
V
Unity Gain Bandwidth
1.0
MHz
Soft Start Charge Current
VPIN9 = 4V
–22
–38
–50
µA
Current Error Amplifier
Input Offset Voltage
–50
5
mV
Input Bias Current
–0.15
–1µA
Input Offset Current
400
nA
Open Loop Gain
2 < EA OUT < 7V
80
100
dB
PSRR
12V < VCC < 24V
65
85
dB
Output Voltage Low
IOL = 300µA
0
0.5
V
Output Voltage High
IOH = –10mA
7.0
7.5
V
Input Common Mode Range
–0.3
2.5
V
Gain Modulator
Gain
VINV = 4.8V, VRMS = 0V
VINV = 4.8V, VRMS = 1.75V
VINV = 4.8V, VRMS = 2.6V
VINV = 4.8V, VRMS = 5.2V
0.75
3.1
1.25
0.22
1.2
3.88
1.75
0.38
1.3
4.5
2.15
0.50
Output Current
VINV = 5.2V, VRMS = 5.2V
–2
–4µA
Output Current Limit
VINV = 4.8V, ISINE = 500
µA,
VRMS = 1.75V
360
395
420
µA
ILIM Comparator
Input Offset Voltage
+15
mV
Input Bias Current
–100
–200
µA
OVP Comparator
Input Offset Voltage
Output Off
–25
5
mV
Hysteresis
Output On
85
105
130
mV
Input Bias Current
–0.3
–3µA
Propagation Delay
150
ns
Shutdown Threshold
0.4
0.7
1.0
V
PWM Comparator
Input Common Mode Range
0
8
V
Propagation Delay
150
ns
Electrical Characteristics (continued)
Unless otherwise specified, RT = 6.2k
Ω, CT = 720pF, TA = Operating Temperature Range, VCC = 15V (Notes 1 & 2).
Parameter
Conditions
Min.
Typ.
Max.
Units


유사한 부품 번호 - ML4821CS

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4821CS MICRO-LINEAR-ML4821CS Datasheet
177Kb / 12P
   Power Factor Controller
More results

유사한 설명 - ML4821CS

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com