전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4803CX-X 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 ML4803CX-X
상세설명  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4803CX-X 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button ML4803CX-X Datasheet HTML 3Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 4Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 5Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 6Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 7Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 8Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 9Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 10Page - Fairchild Semiconductor ML4803CX-X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
ML4803
REV. 1.1.3 8/3/01
7
Internal Voltage Ramp
The internal ramp current source is programmed by way of
the VEAO pin voltage. Figure 7 displays the internal ramp
current vs. the VEAO voltage. This current source is used to
develop the internal ramp by charging the internal 30pF +12/
–10% capacitor. See Figures 10 and 11. The frequency of the
internal programming ramp is set internally to 67kHz.
PFC Current Sense Filtering
In DCM, the input current wave shaping technique used by
the ML4803 could cause the input current to run away.
In order for this technique to be able to operate properly
under DCM, the programming ramp must meet the boost
inductor current down-slope at zero amps. Assuming the
programming ramp is zero under light load, the OFF-time
will be terminated once the inductor current reaches zero.
R
f
× C
COMP
COMP
1
2
× π ×
R
Hz
× nF
k
COMP
1
6.28
× 30
16
330
C
f
R
ZERO
COMP
1
2
× π ××
10
C
Hz
×
k
µF
ZERO
1
628
× 3
330
016
.
.
=
==
=
=
=
Figure 4. Voltage Control Loop
ML4803
ML4803
IVEAO
35
µA
IOUT
VO
220
µF
RLOAD
667
330k
11.3M
0.15
µF
15nF
POWER
STAGE
COMPENSATION
VEAO
∆VEAO +
Figure 5. Voltage Loop Gain
60
40
20
0
–20
–40
–60
FREQUENCY (Hz)
0.1
10
1000
1
100
Power Stage
Overall Gain
Compensation
Network Gain
Figure 6. Voltage Loop Phase
0
50
100
150
200
FREQUENCY (Hz)
0.1
1
10
1000
100
Power Stage
Overall
Compensation
Network
Figure 7. Internal Ramp Current vs. VEAO
50
40
30
20
10
0
VEAO (V)
02
7
5
13
6
4
FF @ –55ºC
TYP @ –55ºC
TYP @ 155ºC
SS @ 155ºC
TYP @ ROOM TEMP


유사한 부품 번호 - ML4803CX-X

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4803CP-1 MICRO-LINEAR-ML4803CP-1 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4803CP-2 MICRO-LINEAR-ML4803CP-2 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4803CS-1 MICRO-LINEAR-ML4803CS-1 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4803CS-2 MICRO-LINEAR-ML4803CS-2 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
More results

유사한 설명 - ML4803CX-X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com