전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML4823IQ 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 ML4823IQ
상세설명  High Frequency Power Supply Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4823IQ 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  ML4823IQ Datasheet HTML 1Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 2Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 3Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 4Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 5Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 6Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 7Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 8Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ML4823
6
REV. 1.0 10/12/2000
ERROR AMPLIFIER
The ML4823 error amplifier is a 5.5MHz bandwidth 12V/µs
slew rate op-amp with provision for limiting the positive
output voltage swing (Output Inhibit line) for ease in
implementing the soft start function.
5
4
3
2
1
0
0.2
0.4
0.6
0.8
1.0
TIME (
µs)
VIN
VOUT
100
80
60
40
20
0
–20
100
1K
10K 100K
1M
10M
FREQ (Hz)
100M
0
0
–90
–180
GAIN
φ
Figure 5. Unity Gain Slew Rate
Figure 6. Open Loop Frequency Response
OUTPUT DRIVER STAGE
The ML4823 Output Driver is a 2A peak output high speed
totem pole circuit designed to quickly switch the gates of
capacitive loads, such as power MOSFET transistors.
Figure 8. Saturation Curves
3
2
1
0
0
0.5
1.0
1.5
IOUT (A)
SOURCE
SINK
Figure 7. Simplified Schematic
POWER
GND
Q1
Q2
OUT
VCC
POWER
VC
15
10
5
0
0
40
80
120
160
200
TIME (ns)
0.2
IL (A)
0
–0.2
15
10
5
0
0
100
200
300
400
500
TIME (ns)
2
IL (A)
0
–2
Figure 10 Rise/Fall Time (CL = 10,000pF)
Figure 9. Rise/Fall Time (CL = 1000pF)


유사한 부품 번호 - ML4823IQ

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4823IP MICRO-LINEAR-ML4823IP Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4823IS MICRO-LINEAR-ML4823IS Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
More results

유사한 설명 - ML4823IQ

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
   High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
   High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com