전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

00-6232-128-102-800 데이터시트(PDF) 5 Page - AVX Corporation

부품명 00-6232-128-102-800
상세설명  1.0mm Pitch LIF RA SMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

00-6232-128-102-800 데이터시트(HTML) 5 Page - AVX Corporation

  00-6232-128-102-800 Datasheet HTML 1Page - AVX Corporation 00-6232-128-102-800 Datasheet HTML 2Page - AVX Corporation 00-6232-128-102-800 Datasheet HTML 3Page - AVX Corporation 00-6232-128-102-800 Datasheet HTML 4Page - AVX Corporation 00-6232-128-102-800 Datasheet HTML 5Page - AVX Corporation 00-6232-128-102-800 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SERIES
6232 1.0mmピッチ NON-ZIF RADIP下接点
1.0mmPitch LIF RA Through hole Bottom contact
注文コード ORDERING CODE
00 6232 0XX 104 800+
極数 NUMBER OF POSITIONS
00:トレー梱包
TRAY PACKAGE
RoHS 対応品
RoHS Compliant Product
スズめっき
Sn Plated
+
+
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.


유사한 부품 번호 - 00-6232-128-102-800

제조업체부품명데이터시트상세설명
logo
AVX Corporation
00-6200-512-130-000 AVX-00-6200-512-130-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-330-000 AVX-00-6200-512-330-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6200-512-430-000 AVX-00-6200-512-430-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
00-6207-3419-20-000 AVX-00-6207-3419-20-000 Datasheet
231Kb / 2P
   1.25mm Pitch
More results

유사한 설명 - 00-6232-128-102-800

제조업체부품명데이터시트상세설명
logo
AVX Corporation
046232109015800 AVX-046232109015800 Datasheet
509Kb / 6P
   SMT 1.0mm PITCH LIF RA SMT
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
logo
Harwin Plc
M40-6200946 HARWIN-M40-6200946 Datasheet
79Kb / 1P
   1.0mm PITCH SMT SOCKET CONNECTOR
M40-6200946R HARWIN-M40-6200946R Datasheet
186Kb / 1P
   1.0mm PITCH SMT SOCKET CONNECTOR
logo
Molex Electronics Ltd.
52207-1590 MOLEX-52207-1590 Datasheet
361Kb / 5P
   1.0mm Pitch FPC Conn ZIF SMT
logo
Wurth Elektronik GmbH &...
686112188822 WURTH-686112188822 Datasheet
542Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686122188822 WURTH-686122188822 Datasheet
539Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686128188822 WURTH-686128188822 Datasheet
539Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686130188822 WURTH-686130188822 Datasheet
539Kb / 7P
   WR-FPC SMT LIF Vertical Type A
001.004
686108188622 WURTH-686108188622 Datasheet
542Kb / 7P
   WR-FPC SMT LIF Horizontal Top Contact
001.003
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com