전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39L800A-55-4C-EQE 데이터시트(PDF) 8 Page - Microchip Technology

부품명 SST39L800A-55-4C-EQE
상세설명  2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39L800A-55-4C-EQE 데이터시트(HTML) 8 Page - Microchip Technology

Back Button SST39L800A-55-4C-EQE Datasheet HTML 4Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 5Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 6Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 7Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 8Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 9Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 10Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 11Page - Microchip Technology SST39L800A-55-4C-EQE Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
© 2011 Silicon Storage Technology, Inc.
DS25001A
03/11
8
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
A Microchip Technology Company
The Chip-Erase operation is initiated by executing a six-byte command sequence with Chip-Erase
command (10H) at address 5555H in the last byte sequence. The Erase operation begins with the ris-
ing edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid
read is Toggle Bit or Data# Polling. See Table 4 for the command sequence, Figure 10 for timing dia-
gram, and Figure 21 for the flowchart. Any commands issued during the Chip-Erase operation are
ignored.
Write Operation Status Detection
The SST39LF200A/400A/800A and SST39VF200A/400A/800A provide two software means to detect
the completion of a write (Program or Erase) cycle, in order to optimize the system write cycle time.
The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-
Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or
Erase operation.
The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a
Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this
occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with
either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software
routine should include a loop to read the accessed location an additional two (2) times. If both reads
are valid, then the device has completed the write cycle, otherwise the rejection is valid.
Data# Polling (DQ7)
When the SST39LF200A/400A/800A and SST39VF200A/400A/800A are in the internal Program oper-
ation, any attempt to read DQ7 will produce the complement of the true data. Once the Program oper-
ation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data
immediately following the completion of an internal Write operation, the remaining data outputs may
still be invalid: valid data on the entire data bus will appear in subsequent successive Read cycles after
an interval of 1 µs
. During internal Erase operation, any attempt to read DQ7 will produce a ‘0’. Once
the internal Erase operation is completed, DQ7 will produce a ‘1’. The Data# Polling is valid after the
rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the
Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 8 for Data# Polling
timing diagram and Figure 19 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is
completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. The Toggle
Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block-
or Chip-Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 9 for
Toggle Bit timing diagram and Figure 19 for a flowchart.
Data Protection
The SST39LF200A/400A/800A and SST39VF200A/400A/800A provide both hardware and software
features to protect nonvolatile data from inadvertent writes.


유사한 부품 번호 - SST39L800A-55-4C-EQE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST39L010-55-4C-NHE MICROCHIP-SST39L010-55-4C-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-55-4C-WHE MICROCHIP-SST39L010-55-4C-WHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-55-4I-NHE MICROCHIP-SST39L010-55-4I-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-55-4I-WHE MICROCHIP-SST39L010-55-4I-WHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39L010-70-4C-NHE MICROCHIP-SST39L010-70-4C-NHE Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
More results

유사한 설명 - SST39L800A-55-4C-EQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com