전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB042E0334 데이터시트(PDF) 6 Page - AVX Corporation

부품명 CB042E0334
상세설명  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

CB042E0334 데이터시트(HTML) 6 Page - AVX Corporation

Back Button CB042E0334 Datasheet HTML 2Page - AVX Corporation CB042E0334 Datasheet HTML 3Page - AVX Corporation CB042E0334 Datasheet HTML 4Page - AVX Corporation CB042E0334 Datasheet HTML 5Page - AVX Corporation CB042E0334 Datasheet HTML 6Page - AVX Corporation CB042E0334 Datasheet HTML 7Page - AVX Corporation CB042E0334 Datasheet HTML 8Page - AVX Corporation CB042E0334 Datasheet HTML 9Page - AVX Corporation CB042E0334 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
15
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
MOUNTING AND SOLDERING RECOMMENDATIONS
*Reflow soldering referring to JEDEC Standard with some limitations
*JEDEC J-Std 020C
SOLDERING PROFILE
The capacitors can be mounted using infrared and vapor phase soldering following recommended below. They are NOT
suitable for wave soldering.
All temperature refer to topside of the package, measured on the package body surface.
RECOMMENDED SOLDER PASTE THICKNESS
Profile Feature
2220 to 2824
4030 to 6054
Ramp-Up (Ts max to Tp)
3°C / second max
3°C / second max
Preheat
- Temperature Min (Ts min)
150°C
150°C
- Temperature Min (Ts max)
200°C
200°C
- Time (ts min to ts max)
180 sec. max
180 sec. max
Time maintained above
- Temperature (TL)
217°C
217°C
- Time (tL)
60 sec. max
75 sec. max
Peak temperature (Tp)
240°C
245°C
Time within 5°C of peak
10 sec.
10 sec.
temperature (tp)
Ramp-Down
6°C / sec.
6°C / sec.
For optimum solderability, the recommended soldering
paste thickness: 2220 to 2824 :150 to 200µm
4030 to 6054 :200 to 300µm
In case of hand soldering, the temperature of the soldering
iron should not be above 250°C. Special care must be taken
to avoid touching the capacitor body with the iron tip.
Size Code
Case Size
A
B
C
04
2220
5.00 (0.195)
1.90 (0.075)
4.50 (0.178)
05
2824
6.00 (0.234)
2.50 (0.098)
5.70 (0.224)
16
4030
7.50 (0.295)
3.00 (0.118)
8.00 (0.315)
17
5040
11.2 (0.441)
3.50 (0.137)
10.3 (0.406)
18
6064
14.6 (0.575)
3.60 (0.147)
12.6 (0.496)
PAD DIMENSIONS: millimeters (inches)
A
CB
RECOMMENDED CLEANING
To clean flux from the PC board assembly, the recommended
products are: ethanol, isopropyl alcohol, and deionized water
wash. The cleaning products to avoid are: Toluene, Xylene,
Trichloroethylene, Terpene Cleaner EC-7, surface active
agent. In case of using another solvent, please contact us.
OTHER CAUTIONS
Flame retardancy: the dielectric film is not a flame retardant
material.
Environment: contact us when chips are used in humid or
gas atmosphere and /or when using resin.
Recommended handling: do not use edged tools, so not
to damage the capacitors.
TIN WHISKERS TESTS : JEDEC STANDARD NO 22A121
Stress Type
Ref. Spec.
Test Conditions
Analysis
Results
Temperature cycling
JESD22-A104
-55°C +85(+10/-0)°C air
SEM x 1000
Pass
5 to 10 minutes soak 3 cycles/hour
Ambient Temperature /
30+/-2°C - 60+/-3% RH -2000H
SEM x 1000
Pass
Humidity Storage
High Temperature /
70+/-5°C - 93+3/-2% RH -1000H
SEM x 1000
Pass
Humidity Storage
030
Time (seconds)
60
90
120 150 180 210 240
Ramp
down
Ramp up
270 300 330
Tp
Tp - 5ºC
Ts min
Ts max
TL
tS
tp
tL


유사한 부품 번호 - CB042E0334

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CB047D0334 AVX-CB047D0334 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0474 AVX-CB047D0474 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0564 AVX-CB047D0564 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047D0684 AVX-CB047D0684 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB047E0124 AVX-CB047E0124 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
More results

유사한 설명 - CB042E0334

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB037E0104JBA AVX-CB037E0104JBA Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
   Radial PET Film Capacitors
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
FERYSTER Inductive Comp...
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
   PET FR530
logo
World Produts Inc.
PCPW223 WPI-PCPW223 Datasheet
192Kb / 6P
   Low inductive wound cell of metalized(PET) film
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
   Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB018B0102 AVX-CB018B0102 Datasheet
371Kb / 8P
   Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com