전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3210M-E-GM 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI3210M-E-GM
상세설명  Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3210M-E-GM 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI3210M-E-GM Datasheet HTML 7Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 8Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 9Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 10Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 11Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 12Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 13Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 14Page - Silicon Laboratories SI3210M-E-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
Si3210/Si3211
Rev. 1.61
11
Table 5. Monitor ADC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential Nonlinearity
(6-bit resolution)
DNLE
–1/2
1/2
LSB
Integral Nonlinearity
(6-bit resolution)
INLE
–1
1
LSB
Gain Error (Voltage)
10
%
Gain Error (Current)
20
%
Table 6. Si321x DC Characteristics, VDDA =VDDD =5.0 V
(VDDA,VDDD = 4.75 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDDD
——
V
Low Level Input Voltage
VIL
——
0.3 x VDDD
V
High Level Output Voltage
VOH
DIO1,DIO2,SDITHRU:
IO = –4 mA SDO,
DTX:IO =–8mA
VDDD – 0.6
V
DOUT: IO =–40 mA
VDDD – 0.8
V
Low Level Output Voltage
VOL
DIO1,DIO2,DOUT,SDITHRU:
IO =4mA
SDO,INT,DTX:IO =8mA
——
0.4
V
Input Leakage Current
IL
–10
10
µA
Table 7. Si321x DC Characteristics, VDDA =VDDD =3.3 V
(VDDA,VDDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDDD
——
V
Low Level Input Voltage
VIL
——
0.3 x VDDD
V
High Level Output Voltage
VOH
DIO1,DIO2,SDITHRU: IO =–2 mA
SDO, DTX:IO =–4mA
VDDD – 0.6
V
DOUT: IO = –40 mA
VDDD – 0.8
V
Low Level Output Voltage
VOL
DIO1,DIO2,DOUT,SDITHRU:
IO =2mA
SDO,INT,DTX:IO =4mA
——
0.4
V
Input Leakage Current
IL
–10
10
µA


유사한 부품 번호 - SI3210M-E-GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3210M-BT ETC-SI3210M-BT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3210M-KT ETC-SI3210M-KT Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

유사한 설명 - SI3210M-E-GM

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20800 MAXIM-MAX20800_V01 Datasheet
1,010Kb / 9P
   MPP Tracking DC-DC Converter
19-8575; Rev 4; 2/18
logo
Linear Technology
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com