전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4704-C40 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4704-C40
상세설명  Worldwide FM band support (64-108 MHz) integrated antenna support EN55020 compliant
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4704-C40 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4704-C40 Datasheet HTML 6Page - Silicon Laboratories SI4704-C40 Datasheet HTML 7Page - Silicon Laboratories SI4704-C40 Datasheet HTML 8Page - Silicon Laboratories SI4704-C40 Datasheet HTML 9Page - Silicon Laboratories SI4704-C40 Datasheet HTML 10Page - Silicon Laboratories SI4704-C40 Datasheet HTML 11Page - Silicon Laboratories SI4704-C40 Datasheet HTML 12Page - Silicon Laboratories SI4704-C40 Datasheet HTML 13Page - Silicon Laboratories SI4704-C40 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Si4704/05-C40
10
Rev. 1.0
Figure 6. SPI Control Interface Write Timing Parameters
Figure 7. SPI Control Interface Read Timing Parameters
Table 7. SPI Control Interface Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.85 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
15
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
5—
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR
tF
10
ns
Note: When selecting SPI mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
C7
C0
70%
30%
tS
C6–C1
Control Byte In
8 Data Bytes In
D7
D6–D1
D0
tS
tHSDIO
tHIGH
tLOW
tHSEN
tF
tR
Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO 70%
30%
tHSDIO
Control Byte In
C7
C0
C6–C1
tS
tHSEN
tS
tCDZ
tCDV
16 Data Bytes Out
(SDIO or GPO1)
D7
D6–D1
D0


유사한 부품 번호 - SI4704-C40

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si4704-B20-GM SILABS-Si4704-B20-GM Datasheet
64Kb / 1P
   Reason for Change: Clerical Typo Correction
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
SI4704-D50-GM SKYWORKS-SI4704-D50-GM Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
More results

유사한 설명 - SI4704-C40

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI476X SILABS-SI476X Datasheet
51Kb / 2P
   Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
logo
Skyworks Solutions Inc.
SKY77521 SKYWORKS-SKY77521 Datasheet
81Kb / 2P
   Triple band WCDMA antenna switch support
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
logo
Tyco Electronics
ETC64-1T-1 MACOM-ETC64-1T-1 Datasheet
101Kb / 1P
   E-Series RF 64:1Transformer 30 - 108 MHz
logo
Skyworks Solutions Inc.
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
   Support Plate
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
logo
AAEON Technology
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
   tpm support
logo
Molex Electronics Ltd.
0690081084 MOLEX11-0690081084 Datasheet
36Kb / 1P
   Support Plate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com