전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7723-300 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-7723-300
상세설명  50 MBd 2 ns PWD High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7723-300 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7723-300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
All Avago data sheets report the creepage and clearance
inherent to the optocoupler component itself. These
dimensions are needed as a starting point for the
equipment designer when determining the circuit insula-
tion requirements. However, once mounted on a printed
circuit board, minimum creepage and clearance require-
ments must be met as specified for individual equipment
standards. For creepage, the shortest distance path along
the surface of a printed circuit board between the solder
fillets of the input and output leads must be considered.
There are recommended techniques such as grooves
and ribs, which may be used on a printed circuit board
to achieve desired creepage and clearances. Creepage
and clearance distances will also change depending
on factors such as pollution degree and insulation
level.
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (Option 060)
Description
Symbol
Characteristic
Unit
HCPL-7723 HCPL-0723
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage
≤ 150 Vrms
I – IV
I – IV
for rated mains voltage
≤ 300 Vrms
I – III
I – III
for rated mains voltage
≤ 600 Vrms
I – IV
I – III
Climatic Classification
55/85/21
55/85/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
630
567
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm=1 sec,
Partial discharge < 5 pC
VPR
1181
1063
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6 = VPR, Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
VPR
1008
907
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
8000
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
TS
175
150
°C
Input Current
IS, INPUT
230
150
mA
Output Power
PS, OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
≥ 109
*Refer to the optocoupler section of the Isolation and Control Component Designer’s Catalog, under Product Safety Regulations section IEC/EN/
DIN EN 60747-5-5, for a detailed description of Method a and Method b partial discharge test profiles.


유사한 부품 번호 - HCPL-7723-300

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7723-300 HP-HCPL-7723-300 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results

유사한 설명 - HCPL-7723-300

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7723 HP-HCPL-7723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7723 AVAGO-HCPL-7723 Datasheet
229Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com