전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2733XMFX-NOPB 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM2733XMFX-NOPB
상세설명  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMFX-NOPB 데이터시트(HTML) 5 Page - Texas Instruments

  LM2733XMFX-NOPB Datasheet HTML 1Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 2Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 3Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 4Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 5Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMFX-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LOAD CURRENT (mA)
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
VIN = 3.3V
LM2733
www.ti.com
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5V, SHDN pin is tied to VIN.
Feedback Voltage vs Temperature
RDS(ON) vs Temperature
Figure 8.
Figure 9.
Current Limit vs Temperature
RDS(ON) vs VIN
Figure 10.
Figure 11.
Efficiency vs Load Current (VOUT = 12V) - "X"
Efficiency vs Load Current (VOUT = 15V) - "X"
Figure 12.
Figure 13.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2733


유사한 부품 번호 - LM2733XMFX-NOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2733XMFX NSC-LM2733XMFX Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733XMFX NSC-LM2733XMFX Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733XMFX/NOPB TI-LM2733XMFX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results

유사한 설명 - LM2733XMFX-NOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com