전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3485MMX-NOPB 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM3485MMX-NOPB
상세설명  Hysteretic PFET Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3485MMX-NOPB 데이터시트(HTML) 5 Page - Texas Instruments

  LM3485MMX-NOPB Datasheet HTML 1Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 2Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 3Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 4Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 5Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 6Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 7Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 8Page - Texas Instruments LM3485MMX-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OUTPUT LOAD CURRENT (mA)
3.3VOUT
1.242VOUT
5.0VOUT
0
1
2
3
4
5
0
200
400
600
800
1000
LOAD CURRENT (mA)
VIN = 12V
VIN = 4.5V
40
50
60
70
80
90
100
10
100
1000
10000
OUTPUT LOAD CURRENT (mA)
3.3VOUT
1.242VOUT
0
200
400
600
800
1000
0
4
8
12
16
20
VIN= 4.5V
VIN= 12V
VIN= 24V
0
20
40
60
80
100
120
140
160
-20 -40
0
20
40 60
80 100 120 140
JUNCTION TEMPERATURE (°C)
0
2
4
6
8
10
0
50
100
150
T (ns)
CPGATE = 540 pF
CPGATE = 1020 pF
CPGATE = 110 pF
CPGATE = 1800 pF
4
12
20
28
36
3.0
3.5
4.0
5.0
5.5
INPUT VOLTAGE (V)
TJ =125qC
TJ = 25qC
TJ = -40qC
4.5
6.0
LM3485
www.ti.com
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TJ = 25°C
PGATE Voltage
Typical VPGATE vs
vs
Time
Input Voltage
VIN = 9V
Minimum ON Time
Operating ON Time vs
vs
Output Load Current
Temperature
(VIN = 4.5V)
Operating ON Time vs
Efficiency vs
Output Load Current
Load Current
(VIN = 12V)
(VOUT = 3.3V, L = 6.8µH)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3485


유사한 부품 번호 - LM3485MMX-NOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485MMX NSC-LM3485MMX Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX TI1-LM3485MMX Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX/NOPB TI1-LM3485MMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

유사한 설명 - LM3485MMX-NOPB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com