전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ300A 데이터시트(PDF) 2 Page - Formosa MS

부품명 SMAJ300A
상세설명  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ300A 데이터시트(HTML) 2 Page - Formosa MS

  SMAJ300A Datasheet HTML 1Page - Formosa MS SMAJ300A Datasheet HTML 2Page - Formosa MS SMAJ300A Datasheet HTML 3Page - Formosa MS SMAJ300A Datasheet HTML 4Page - Formosa MS SMAJ300A Datasheet HTML 5Page - Formosa MS SMAJ300A Datasheet HTML 6Page - Formosa MS SMAJ300A Datasheet HTML 7Page - Formosa MS SMAJ300A Datasheet HTML 8Page - Formosa MS SMAJ300A Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0123456
247944

 
!
"#$#%&'
()')*
+,! ,( 
-.+/,
0.(1223456789:;'='&.
>?,
@"AB#C'
D



$E#)FB/G/
H42I4J1KL7
6
51
04N6
OLO P46
5JQR/S)&
/
 -

(T

U
+/V/>>V
EW$!
!
EW
+X+T$




+X+-
-

,

+T$




?
-!


-YTC

.

.

-
T

(F'G
F'''ZT[D

W
F)\Y
.=F
, 
C
-
@W!

+
++
!
++

]

^
0
/
/
E
B''
 
F
F=
'
#&&_`F&'
a=
&G
*=
&
b14LP1Q
B''0 X-
T 



,T

(F'G
F''' 
T[D





R-
,,
U'=
'Fc=
>?



. 



,=
"T

-.

=
Y

D
'C
CdV
,


,

(
FD
-
#


\&D
 
#



,=
^

[
(
e
-

=
"#D

Vfg-

=
Z
"TD


-D
-










r =
bKPOKQ40s
tuuv sLPw4210KL5xP45Q6
15yK7
4J1
sLzzP1QQKPQ{|}
uy{ttuy
€‚ƒ…†‡ˆ‚‡‰Š‹‡Œ‹‡‡Ž
E

.
-
T

(F'G
F'''ZT[D

E
S%&‘†
’
"
~=
a
.
f
D
#0[W
a
)&/
Y@
#$


,E
,‘†
“
+
R/CU
!
Y
C
Y
E
C
0
B'
#&&_`F&'
E
W
F=W#



[--
Y
.=a
 [S)&”‡…•
Œ–’
/
)=-
D'=
)—?'=
)—R&=
'?&=
'UY
.&
a=-~=
a
.
(
D
#T[g-
[
g-T[-
,,
SB-

-
?
-
B=C ™aš
&CD
C ™)''CC™*š
&CD
C
)'FCš
Y
dV
Y
dV ›
œž ¡¢£¤¥
¦£§¨©ª
§
¢«¦œ¬­­¡¦¤¤©¡
®¯°±®³´
µ
³¶
SMA/DO-214AC
0.065 (1.65)
0.049 (1.25)
0.181(4.60)
0.154(3.90)
0.110(2.80)
0.100(2.50)
0.060(1.52)
0.030(0.76)
0.209(5.3)
0.189(4.8)
0.010(0.255)
0.006(0.145)
0.008(0.203)MAX.
0.096(2.45)
0.075(1.90)
Dimensions in inches and (millimeters)
Page 2
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


유사한 부품 번호 - SMAJ300A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMAJ300A LITTELFUSE-SMAJ300A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
SMAJ300A SECOS-SMAJ300A Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
Socay Electornics Co., ...
SMAJ300A SOCAY-SMAJ300A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ300A LUGUANG-SMAJ300A Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SAMYANG ELECTRONICS CO....
SMAJ300A SAMYANG-SMAJ300A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMAJ300A

제조업체부품명데이터시트상세설명
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com