전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ170CA 데이터시트(PDF) 8 Page - Formosa MS

부품명 SMAJ170CA
상세설명  SMD Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMAJ170CA 데이터시트(HTML) 8 Page - Formosa MS

Back Button SMAJ170CA Datasheet HTML 2Page - Formosa MS SMAJ170CA Datasheet HTML 3Page - Formosa MS SMAJ170CA Datasheet HTML 4Page - Formosa MS SMAJ170CA Datasheet HTML 5Page - Formosa MS SMAJ170CA Datasheet HTML 6Page - Formosa MS SMAJ170CA Datasheet HTML 7Page - Formosa MS SMAJ170CA Datasheet HTML 8Page - Formosa MS SMAJ170CA Datasheet HTML 9Page - Formosa MS SMAJ170CA Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
012234536489
63 69
815
67
887
827
898: 57
88
)
'
;05
&.5
!
5
0<
5
0) !
2
5
0' 02
5
0
=5
<
5

5
2/
<
5
0
=>?<
@5
&.5
!
5
0<
'
)
.5
05
0 5
05
0! 02A
5
<
<
5

B
+
C
@
@
D
DE(A)
EDB
+
D
DFA)
DB
C
D
))DA'
%DB
+CG+H#
=I+
J K7
82
">0/?
#L<

;05
&.5
!
5
0<
@5
&.5
!
5
0<
IM5
0!2AF-B
IM5
0!2AF-B
C
2?02
Q8:84 J0
RSTVWXYZ[
\Y]^_`
]
Xa\RbccW\ZZ_W
defgdij
k
il
*I=
*I=
HE
TE
Page 8
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121837
2010/06/10
2012/11/21
F
10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141


유사한 부품 번호 - SMAJ170CA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAJ170CA DIODES-SMAJ170CA Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Zowie Technology Corpor...
SMAJ170CA ZOWIE-SMAJ170CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMAJ170CA YINT-SMAJ170CA Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Diotech Company.
SMAJ170CA DIOTECH-SMAJ170CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMAJ170CA SAMYANG-SMAJ170CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMAJ170CA

제조업체부품명데이터시트상세설명
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com