전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPM-70PG 데이터시트(PDF) 4 Page - Fujikura Ltd.

부품명 FPM-70PG
상세설명  Dual-in-line package (DIP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJIKURA [Fujikura Ltd.]
홈페이지  http://www.fujikura.co.jp
Logo FUJIKURA - Fujikura Ltd.

FPM-70PG 데이터시트(HTML) 4 Page - Fujikura Ltd.

  FPM-70PG Datasheet HTML 1Page - Fujikura Ltd. FPM-70PG Datasheet HTML 2Page - Fujikura Ltd. FPM-70PG Datasheet HTML 3Page - Fujikura Ltd. FPM-70PG Datasheet HTML 4Page - Fujikura Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sensing element/Gauge
FPM Data sheet
4
■Connection diagram■
■Output characteristics■
Note ;
Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
Please keep the sensors sealed using static shielding bags on storage.The pins of the sensor are plated by Ag.
If the sensors expose to an atmosphere, the pins will be black by sulfuration.
Please set Zero-calibration function up your products. The offset voltage may be shifted some mechanical stress
such as mounting, installation and etc. over longtime using.
If you have any questions regarding technical issues or specifications, please contact us.
Fujikura Ltd. Sensor Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
E-mail : sensor@fujikura.co.jp
Output span
voltage
Rated pressure
Output voltage(mV)
Pressure(kPa)
0kPa
Offset voltage
-Rated pressure
02PG~07PG>
Atomospheric
pressure
Output span
voltage
Rated pressure
Output voltage(mV)
Pressure(kPa)
0kPa
Offset voltage
-98.07kPa
15PG~120PG>
Atomospheric
pressure


유사한 부품 번호 - FPM-70PG

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FPM-7000G-ADKE ADVANTECH-FPM-7000G-ADKE Datasheet
447Kb / 2P
   15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-7000G-ADKE ADVANTECH-FPM-7000G-ADKE Datasheet
473Kb / 2P
   15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
FPM-7002 ADVANTECH-FPM-7002 Datasheet
442Kb / 2P
   Modular Industrial Monitors with 12
19-May-2020
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
   6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-7061T-R3AE ADVANTECH-FPM-7061T-R3AE Datasheet
529Kb / 2P
   6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
More results

유사한 설명 - FPM-70PG

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
B-8 VECTRON-B-8 Datasheet
249Kb / 3P
   Dual-In-Line Package (DIP) TCXOs
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
Fujikura Ltd.
FPM-15PAR FUJIKURA-FPM-15PAR Datasheet
263Kb / 4P
   Barometric pressure measurable Dual-in-line package (DIP)
FPN-07PGR FUJIKURA-FPN-07PGR Datasheet
259Kb / 4P
   Sensing element/Gauge Dual-in-line package (DIP)
logo
TE Connectivity Ltd
JWD TEC-JWD Datasheet
530Kb / 2P
   JWD has dual in-line package (DIP) configuration
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
   Single in-line DIP package, compact size
logo
COSMO Electronics Corp...
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com