전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87220-0 데이터시트(PDF) 36 Page - Tyco Electronics

부품명 4-87220-0
상세설명  AMPMODU Headers and Receptacles
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87220-0 데이터시트(HTML) 36 Page - Tyco Electronics

Back Button 4-87220-0 Datasheet HTML 32Page - Tyco Electronics 4-87220-0 Datasheet HTML 33Page - Tyco Electronics 4-87220-0 Datasheet HTML 34Page - Tyco Electronics 4-87220-0 Datasheet HTML 35Page - Tyco Electronics 4-87220-0 Datasheet HTML 36Page - Tyco Electronics 4-87220-0 Datasheet HTML 37Page - Tyco Electronics 4-87220-0 Datasheet HTML 38Page - Tyco Electronics 4-87220-0 Datasheet HTML 39Page - Tyco Electronics 4-87220-0 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
120
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, with .150 [3.81] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline (Continued)
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
C
D
E
Plating A
Plating B
Plating C
32
1.880 [47.75]
1.800 [45.72] 1.500 [38.10]
.190 [4.83]
1.490 [37.85]
6-103169-4
6-102619-4
6-87587-2
34
1.980 [50.29]
1.900 [48.26] 1.600 [40.64]
.190 [4.83]
1.590 [40.39]
6-103169-5
6-102619-5
6-87587-3
36
2.080 [52.83]
2.000 [50.80] 1.700 [43.18]
.190 [4.83]
1.690 [42.93]
6-103169-6
6-102619-6
6-87587-4
38
2.180 [55.37]
2.100 [53.34] 1.800 [45.72]
.190 [4.83]
1.790 [45.47]
6-103169-7
6-102619-7
6-87587-5
40
2.280 [57.91]
2.200 [55.88] 1.900 [48.26]
.190 [4.83]
1.890 [48.01]
6-103169-8
6-102619-8
6-87587-6
42
2.380 [60.45]
2.300 [58.42] 2.000 [50.80]
.190 [4.83]
1.990 [50.55]
6-103169-9
6-102619-9
6-87587-7
44
2.480 [62.99]
2.400 [60.96] 2.100 [53.34]
.190 [4.83]
2.090 [53.09]
7-103169-0
7-102619-0
6-87587-8
46
2.580 [65.53]
2.500 [63.50] 2.200 [55.88]
.190 [4.83]
2.190 [55.63]
7-103169-1
7-102619-1
6-87587-9
48
2.680 [68.07]
2.600 [66.04] 2.300 [58.42]
.190 [4.83]
2.290 [58.17]
7-103169-2
7-102619-2
7-87587-0
50
2.780 [70.61]
2.700 [68.58] 2.400 [60.96]
.190 [4.83]
2.390 [60.71]
7-103169-3
7-102619-3
7-87587-1
52
2.880 [73.15]
2.800 [71.12] 2.500 [63.50]
.190 [4.83]
2.490 [63.25]
7-103169-4
7-102619-4
7-87587-2
54
2.980 [75.69]
2.900 [73.66] 2.600 [66.04]
.190 [4.83]
2.590 [65.79]
7-103169-5
7-102619-5
7-87587-3
56
3.080 [78.23]
3.000 [76.20] 2.700 [68.58]
.190 [4.83]
2.690 [68.33]
7-103169-6
7-102619-6
7-87587-4
58
3.180 [80.77]
3.100 [78.74] 2.800 [71.12]
.190 [4.83]
2.790 [70.87]
7-103169-7
7-102619-7
7-87587-5
60
3.280 [83.31]
3.200 [81.28] 2.900 [73.66]
.190 [4.83]
2.890 [73.41]
7-103169-8
7-102619-8
7-87587-6
62
3.380 [85.85]
3.300 [83.82] 3.000 [76.20]
.190 [4.83]
2.990 [75.95]
7-103169-9
7-102619-9
7-87587-7
64
3.480 [88.39]
3.400 [86.36] 3.100 [78.74]
.190 [4.83]
3.090 [78.49]
8-103169-0
8-102619-0
7-87587-8
66
3.580 [90.93]
3.500 [88.90] 3.200 [81.28]
.190 [4.83]
3.190 [81.03]
8-103169-1
8-102619-1
7-87587-9
68
3.680 [93.47]
3.600 [91.44] 3.300 [83.82]
.190 [4.83]
3.290 [83.57]
8-103169-2
8-102619-2
8-87587-0
70
3.780 [96.01]
3.700 [93.98] 3.400 [86.36]
.190 [4.83]
3.390 [86.11]
8-103169-3
8-102619-3
8-87587-1
72
3.880 [98.55]
3.800 [96.52] 3.500 [88.90]
.190 [4.83]
3.490 [88.65]
8-103169-4
8-102619-4
8-87587-2


유사한 부품 번호 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
logo
Tyco Electronics
281838-4 MACOM-281838-4 Datasheet
598Kb / 1P
   100 AMPMODU Headers, Housing Contacts
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
   AMPMODU II / AMPMODU IV
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
5-146288-3 MACOM-5-146288-3 Datasheet
135Kb / 2P
   Breakaway and Retention Headers?봘nshrouded
logo
Mill-Max Mfg. Corp.
162 MILL-MAX-162 Datasheet
190Kb / 1P
   DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com