전자부품 데이터시트 검색엔진 |
|
TLC2543CFNRG3 데이터시트(PDF) 4 Page - Texas Instruments |
|
TLC2543CFNRG3 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 34 page TLC2543C, TLC2543I, TLC2543M 12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC (see Note 1) – 0.5 V to 6.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (any input) – 0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO – 0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Positive reference voltage, Vref+ VCC + 0.1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Negative reference voltage, Vref– – 0.1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak input current, II (any input) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak total input current, II (all inputs) ±30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TLC2543C 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLC2543I – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TLC2543M – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values are with respect to the GND terminal with REF – and GND wired together (unless otherwise noted). recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 4.5 5 5.5 V Positive reference voltage, Vref + (see Note 2) VCC V Negative reference voltage, Vref – (see Note 2) 0 V Differential reference voltage, Vref + – Vref – (see Note 2) 2.5 VCC VCC + 0.1 V Analog input voltage (see Note 2) 0 VCC V High-level control input voltage, VIH VCC = 4.5 V to 5.5 V 2 V Low-level control input voltage, VIL VCC = 4.5 V to 5.5 V 0.8 V Clock frequency at I/O CLOCK 0 4.1 MHz Setup time, address bits at DATA INPUT before I/O CLOCK ↑, tsu(A) (see Figure 4) 100 ns Hold time, address bits after I/O CLOCK ↑, th(A) (see Figure 4) 0 ns Hold time, CS low after last I/O CLOCK ↓, th(CS) (see Figure 5) 0 ns Setup time, CS low before clocking in first address bit, tsu(CS) (see Note 3 and Figure 5) 1.425 µs Pulse duration, I/O CLOCK high, twH(I/O) 120 ns Pulse duration, I/O CLOCK low, twL(I/O) 120 ns Transition time, I/O CLOCK high to low, tt(I/O) (see Note 4 and Figure 6) 1 µs Transition time, DATA INPUT and CS, tt(CS) 10 µs TLC2543C 0 70 Operating free-air temperature, TA TLC2543I – 40 85 °C TLC2543M – 55 125 NOTES: 2. Analog input voltages greater than that applied to REF+ convert as all ones (111111111111), while input voltages less than that applied to REF– convert as all zeros (000000000000). 3. To minimize errors caused by noise at the CS input, the internal circuitry waits for a setup time after CS ↓ before responding to control input signals. No attempt should be made to clock in an address until the minimum CS setup time has elapsed. 4. This is the time required for the clock input signal to fall from VIHmin to VILmax or to rise from VILmax to VIHmin. In the vicinity of normal room temperature, the devices function with input clock transition time as slow as 1 µs for remote data acquisition applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor. |
유사한 부품 번호 - TLC2543CFNRG3 |
|
유사한 설명 - TLC2543CFNRG3 |