전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD302V-24 데이터시트(PDF) 6 Page - Roithner LaserTechnik GmbH

부품명 SLD302V-24
상세설명  200mW High Power Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SLD302V-24 데이터시트(HTML) 6 Page - Roithner LaserTechnik GmbH

  SLD302V-24 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SLD302V-24 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SLD302V-24 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SLD302V-24 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SLD302V-24 Datasheet HTML 5Page - Roithner LaserTechnik GmbH SLD302V-24 Datasheet HTML 6Page - Roithner LaserTechnik GmbH SLD302V-24 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
– 6 –
SLD302V
Wavelength [nm]
805
825
815
Tc = –6
°C
Wavelength [nm]
805
825
815
Tc = 12
°C
Wavelength [nm]
805
825
815
Tc = 23
°C
Wavelength [nm]
805
825
815
Tc = 35
°C
Wavelength [nm]
805
825
815
Tc = 45
°C
Temperature dependence of wavelength (Po = 180mW)


유사한 부품 번호 - SLD302V-24

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
   Block-type 200mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
   200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
More results

유사한 설명 - SLD302V-24

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
   200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
   Block-type 200mW High Power Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com