전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD844JR-16-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD844JR-16-REEL7
상세설명  60 MHz 2000 V Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD844JR-16-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD844JR-16-REEL7 Datasheet HTML 3Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 4Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 5Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 6Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 7Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 8Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 9Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 10Page - Analog Devices AD844JR-16-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD844
Rev. F | Page 7 of 20
–50
0
50
100
150
2
1
0
–1
–2
TEMPERATURE (°C)
IBN
IBP
Figure 10. Inverting Input Bias Current (IBN) and Noninverting Input Bias
Current (IBP) vs. Temperature
10k
100k
1M
10M
100M
100
10
1
0.1
0.01
FREQUENCY (Hz)
±5V SUPPLIES
Figure 11. Output Impedance vs. Frequency, Gain = −1, R1 = R2 = 1 kΩ
TEMPERATURE (-°C)
140
–60
–40
–20
0
20
40
60
80
100
120
40
35
30
25
20
15
10
VS = ±5V
VS = ±15V
Figure 12. –3 dB Bandwidth vs. Temperature, Gain = −1, R1 = R2 = 1 kΩ


유사한 부품 번호 - AD844JR-16-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844JR-16-REEL7 AD-AD844JR-16-REEL7 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

유사한 설명 - AD844JR-16-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
National Semiconductor ...
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com