전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD844JRZ-16 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD844JRZ-16
상세설명  60 MHz 2000 V Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD844JRZ-16 데이터시트(HTML) 4 Page - Analog Devices

  AD844JRZ-16 Datasheet HTML 1Page - Analog Devices AD844JRZ-16 Datasheet HTML 2Page - Analog Devices AD844JRZ-16 Datasheet HTML 3Page - Analog Devices AD844JRZ-16 Datasheet HTML 4Page - Analog Devices AD844JRZ-16 Datasheet HTML 5Page - Analog Devices AD844JRZ-16 Datasheet HTML 6Page - Analog Devices AD844JRZ-16 Datasheet HTML 7Page - Analog Devices AD844JRZ-16 Datasheet HTML 8Page - Analog Devices AD844JRZ-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD844
Rev. F | Page 4 of 20
AD844J/AD844A
AD844B
AD844S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY RESPONSE
Small Signal Bandwidth3, 4
Gain = −1
60
60
60
MHz
Gain = −10
33
33
33
MHz
TOTAL HARMONIC DISTORTION
f = 100 kHz,
2 V rms5
0.005
0.005
0.005
%
SETTLING TIME
10 V Output Step
±15 V supplies
Gain = −1, to 0.1%5
100
100
100
ns
Gain = −10, to 0.1%6
100
100
100
ns
2 V Output Step
±5 V supplies
Gain = −1, to 0.1%5
110
110
110
ns
Gain = −10, to 0.1%6
100
100
100
ns
OUTPUT SLEW RATE
Overdriven
input
1200
2000
1200
2000
1200
2000
V/μs
FULL POWER BANDWIDTH
THD = 3%
VOUT = 20 V p-p5
VS = ±15 V
20
20
20
MHz
VOUT = 2 V p-p5
VS = ±5 V
20
20
20
MHz
OUTPUT CHARACTERISTICS
Voltage
RL = 500 Ω
±10
±11
±10
±11
±10
±11
V
Short-Circuit Current
80
80
80
mA
TMIN to T MAX
60
60
60
mA
Output Resistance
Open loop
15
15
15
Ω
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
±4.5
±18
V
Quiescent Current
6.5
7.5
6.5
7.5
6.5
7.5
mA
TMIN to TMAX
7.5
8.5
7.5
8.5
7.5
8.5
mA
1 Rated performance after a 5 minute warm-up at TA = 25°C.
2 Input signal 285 mV p-p carrier (40 IRE) riding on 0 mV to 642 mV (90 IRE) ramp. RL = 100 Ω; R1, R2 = 300 Ω.
3 For gain = −1, input signal = 0 dBm, CL = 10 pF, RL = 500 Ω, R1 = 500 Ω, and R2 = 500 Ω in
.
Figure 29
Figure 29
Figure 29
Figure 29.
4 For gain = −10, input signal = 0 dBm, CL =10 pF, RL = 500 Ω, R1 = 500 Ω, and R2 = 50 Ω in
.
5 CL = 10 pF, RL = 500 Ω, R1 = 1 kΩ, R2 = 1 kΩ in
.
6 CL = 10 pF, RL = 500 Ω, R1 = 500 Ω, R2 = 50 Ω in


유사한 부품 번호 - AD844JRZ-16

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844JR AD-AD844JR Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844JR-16 AD-AD844JR-16 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844JR-16-REEL AD-AD844JR-16-REEL Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844JR-16-REEL7 AD-AD844JR-16-REEL7 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844JR-REEL AD-AD844JR-REEL Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
More results

유사한 설명 - AD844JRZ-16

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
   Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
   Quad, Low-Power Monolithic Op Amp
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
[Old version datasheet]   Quad, Low Power Monolithic Op Amp
logo
National Semiconductor ...
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
   1.1GHz Ultra-Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com