전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD876JRS 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD876JRS
상세설명  10-Bit 20 MSPS 160 mW CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD876JRS 데이터시트(HTML) 5 Page - Analog Devices

  AD876JRS Datasheet HTML 1Page - Analog Devices AD876JRS Datasheet HTML 2Page - Analog Devices AD876JRS Datasheet HTML 3Page - Analog Devices AD876JRS Datasheet HTML 4Page - Analog Devices AD876JRS Datasheet HTML 5Page - Analog Devices AD876JRS Datasheet HTML 6Page - Analog Devices AD876JRS Datasheet HTML 7Page - Analog Devices AD876JRS Datasheet HTML 8Page - Analog Devices AD876JRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD876
REV. B
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD876JR
0
°C to +70°C
28-Lead SOIC
R-28
AD876JST-Reel
0
°C to +70°C
48-Lead TQFP
ST-48
(Tape and Reel 13")
AD876JR-8
0
°C to +70°C
28-Lead SOIC
R-28
AD876AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD876ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD876JRS
0
°C to +70°C
28-Lead SSOP
RS-28
AD876JRS-8
0
°C to +70°C
28-Lead SSOP
RS-28
ABSOLUTE MAXIMUM RATINGS*
Parameter
With Respect to Min
Max Units
AVDD
AVSS
–0.5
+6.5
Volts
DVDD, DRVDD
DVSS, DRVSS
–0.5
+6.5
Volts
AVSS
DVSS, DRVSS
–0.5
+0.5
Volts
AIN
AVSS
–0.5
+6.5
Volts
REFTS, REFTF
REFBS, REFBF
AVSS
–0.5
+6.5
Volts
Digital Inputs, CLK
DVSS, DRVSS
–0.5
+6.5
Volts
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD876 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Figure 2. Equivalent Circuits
REFTF
REFTS
REFBS
REFBF
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
INTERNAL
REFERENCE
VOLTAGE
INTERNAL
REFERENCE
VOLTAGE
DRVDD
DVSS
DRVSS
DVSS
DVDD
DRVDD
DRVSS
DVSS
DVDD
AVDD
AVSS
DRVDD
DRVSS
DVSS
DVDD
c) CLK
d) AIN
a) D0–D9
b) Three-State, Standby
WARNING!
ESD SENSITIVE DEVICE


유사한 부품 번호 - AD876JRS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD876JRS AD-AD876JRS Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JRS AD-AD876JRS Datasheet
370Kb / 17P
   CMOS A/D Converter
AD876JRS-8 AD-AD876JRS-8 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876JRS-8 AD-AD876JRS-8 Datasheet
370Kb / 17P
   CMOS A/D Converter
More results

유사한 설명 - AD876JRS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com