전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZTA55 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 PZTA55
상세설명  PNP General Purpose Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA55 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button PZTA55 Datasheet HTML 5Page - Fairchild Semiconductor PZTA55 Datasheet HTML 6Page - Fairchild Semiconductor PZTA55 Datasheet HTML 7Page - Fairchild Semiconductor PZTA55 Datasheet HTML 8Page - Fairchild Semiconductor PZTA55 Datasheet HTML 9Page - Fairchild Semiconductor PZTA55 Datasheet HTML 10Page - Fairchild Semiconductor PZTA55 Datasheet HTML 11Page - Fairchild Semiconductor PZTA55 Datasheet HTML 12Page - Fairchild Semiconductor PZTA55 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SOT-223 Tape and Reel Data, continued
October 2001, Rev. A
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
User Direction of Feed
SOT-223 Embossed Carrier Tape
Configuration: Figure 3.0
0.10
max
9.50
+/-0.1
0.30
+/-0.05
1.80
+/-0.10
4.0
+/-0.1
8.0
+/-0.1
5.50
+/-0.05
10.25
min
1.75
+/-0.10
1.50
+/-0.10
1.55
+/-0.05
12.0
+/-0.2
7.42
+/-0.10
6.83
+/-0.10
SOT-223
(12mm)
Tc
Wc
T
K0
P0
P1
F
E2
E1
D1
D0
W
B0
A0
Pkg type
Dimensions are in millimeter
0.10
max
9.50
+/-0.1
0.30
+/-0.05
1.80
+/-0.10
4.0
+/-0.1
8.0
+/-0.1
5.50
+/-0.05
10.25
min
1.75
+/-0.10
1.50
+/-0.10
1.55
+/-0.05
12.0
+/-0.2
7.42
+/-0.10
6.83
+/-0.10
SOT-223
(12mm)
Tc
Wc
T
K0
P0
P1
F
E2
E1
D1
D0
W
B0
A0
Pkg type
Dimensions are in millimeter
See detail AA
Dim A
max
See detail AA
Dim A
max
13” Diameter Option
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Dim D
min
Dim C
B Min
DETAIL AA
SOT-223 Reel
Configuration: Figure 4.0
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12.0mm
13” Dia
13.00
330
0.059
1.5
0.512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.468 – 0.606
11.9 – 15.4


유사한 부품 번호 - PZTA55

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZTA56 PHILIPS-PZTA56 Datasheet
52Kb / 8P
   PNP general purpose transistor
1997 Apr 01
logo
Fairchild Semiconductor
PZTA56 FAIRCHILD-PZTA56 Datasheet
648Kb / 15P
   PNP General Purpose Amplifier
PZTA56 FAIRCHILD-PZTA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
Jiangsu Changjiang Elec...
PZTA56 JIANGSU-PZTA56 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
PZTA56 KEXIN-PZTA56 Datasheet
59Kb / 1P
   PNP General Purpose Transistor
More results

유사한 설명 - PZTA55

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com