전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7524JN 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7524JN
상세설명  CMOS 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7524JN 데이터시트(HTML) 4 Page - Analog Devices

  AD7524JN Datasheet HTML 1Page - Analog Devices AD7524JN Datasheet HTML 2Page - Analog Devices AD7524JN Datasheet HTML 3Page - Analog Devices AD7524JN Datasheet HTML 4Page - Analog Devices AD7524JN Datasheet HTML 5Page - Analog Devices AD7524JN Datasheet HTML 6Page - Analog Devices AD7524JN Datasheet HTML 7Page - Analog Devices AD7524JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7524
REV. B
–4–
WRITE MODE
When CS and WR are both LOW, the AD7524 is in the
WRITE mode, and the AD7524 analog output responds to data
activity at the DB0–DB7 data bus inputs. In this mode, the
AD7524 acts like a nonlatched input D/A converter.
HOLD MODE
When either CS or WR is HIGH, the AD7524 is in the HOLD
mode. The AD7524 analog output holds the value correspond-
ing to the last digital input present at DB0–DB7 prior to WR or
CS
assuming the HIGH state.
MODE SELECTION TABLE
CS
WR
Mode
DAC Response
L
L
Write
DAC responds to data bus
(DB0–DB7) inputs.
H
X
Hold
Data bus (DB0–DB7) is
Locked Out:
X
H
Hold
DAC holds last data present
when WR or CS assumed
HIGH state.
L = Low State, H = High State, X = Don't Care.
WRITE CYCLE TIMING DIAGRAM
Figure 3. Supply Current vs. Logic Level
Typical plots of supply current, IDD, versus logic input voltage,
VIN, for VDD = +5 V and VDD = +15 V are shown above.
CIRCUIT DESCRIPTION
CIRCUIT INFORMATION
The AD7524, an 8-bit multiplying D/A converter, consists of a
highly stable thin film R-2R ladder and eight N-channel current
switches on a monolithic chip. Most applications require the
addition of only an output operational amplifier and a voltage
or current reference.
The simplified D/A circuit is shown in Figure 1. An inverted
R-2R ladder structure is used—that is, the binarily weighted
currents are switched between the OUT1 and OUT2 bus lines,
thus maintaining a constant current in each ladder leg indepen-
dent of the switch state.
Figure 1. Functional Diagram
EQUIVALENT CIRCUIT ANALYSIS
The equivalent circuit for all digital inputs LOW is shown in
Figures 2. In Figure 2 with all digital inputs LOW, the refer-
ence current is switched to OUT2. The current source ILEAKAGE
is composed of surface and junction leakages to the substrate
while the
1
256
current source represents a constant 1-bit cur-
rent drain through the termination resistor on the R-2R ladder.
The “ON” capacitance of the output N-channel switches is
120 pF, as shown on the OUT2 terminal. The “OFF” switch
capacitance is 30 pF, as shown on the OUT1 terminal. Analysis
of the circuit for all digital inputs high is similar to Figure 2
however, the “ON” switches are now on terminal OUT1, hence
the 120 pF appears at that terminal.
Figure 2. AD7524 DAC Equivalent Circuit—All Digital
Inputs Low
INTERFACE LOGIC INFORMATION
MODE SELECTION
AD7524 mode selection is controlled by the CS and WR inputs.


유사한 부품 번호 - AD7524JN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7524JN AD-AD7524JN Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JN AD-AD7524JN Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JN AD-AD7524JN Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524JNZ AD-AD7524JNZ Datasheet
165Kb / 8P
   8-Bit Buffered Multiplying DAC
REV. B
More results

유사한 설명 - AD7524JN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
AD7524 AD-AD7524 Datasheet
162Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7524JPZ AD-AD7524JPZ Datasheet
129Kb / 8P
   CMOS 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com