전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7742YR 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7742YR
상세설명  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7742YR 데이터시트(HTML) 4 Page - Analog Devices

  AD7742YR Datasheet HTML 1Page - Analog Devices AD7742YR Datasheet HTML 2Page - Analog Devices AD7742YR Datasheet HTML 3Page - Analog Devices AD7742YR Datasheet HTML 4Page - Analog Devices AD7742YR Datasheet HTML 5Page - Analog Devices AD7742YR Datasheet HTML 6Page - Analog Devices AD7742YR Datasheet HTML 7Page - Analog Devices AD7742YR Datasheet HTML 8Page - Analog Devices AD7742YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
AD7741/AD7742
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7741/AD7742 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
TIMING CHARACTERISTICS
1, 2, 3
Limit at TMIN, TMAX
Parameter
(B and Y Version)
Units
Conditions/Comments
fCLKIN
6.144
MHz max
tHIGH/tLOW
55/45
max
Input Clock Mark/Space Ratio
45/55
min
t1
9
ns typ
fCLOCK Rising Edge to fOUT Rising Edge
t2
4
ns typ
fOUT Rise Time
t3
4
ns typ
fOUT Fall Time
t4
tHIGH ± 5
ns typ
fOUT Pulsewidth
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (V IL + VIH)/2.
3See Figure 1.
Specifications subject to change without notice.
(VDD = +4.75 V to +5.25 V; VREF = +2.5 V. All specifications TMIN to TMAX unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . . –5 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . . –0.3 V to VDD + 0.3 V
fOUT to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Automotive (Y Version) . . . . . . . . . . . . . . –40
°C to +105°C
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance (8 Lead) . . . . . . . . . . . . .
125
°C/W
θ
JA Thermal Impedance (16 Lead) . . . . . . . . . . . .
117
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
SOIC Package
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance (8 Lead) . . . . . . . . . . . . .
157
°C/W
θ
JA Thermal Impedance (16 Lead) . . . . . . . . . . . .
125
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Temperature
Package
Package
Models
Ranges
Descriptions
Options
AD7741BN
–40
°C to +85°C
Plastic DIP
N-8
AD7741BR
–40
°C to +85°C
Small Outline
R-8
AD7741YR
–40
°C to +105°C
Small Outline
R-8
AD7742BN
–40
°C to +85°C
Plastic DIP
N-16
AD7742BR
–40
°C to +85°C
Small Outline
R-16A
AD7742YR
–40
°C to +105°C
Small Outline
R-16A
CLKIN
fOUT
tHIGH
t4
t1
t2
t3
Figure 1. Timing Diagram


유사한 부품 번호 - AD7742YR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7742YR AD-AD7742YR Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YR AD-AD7742YR Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YR AD-AD7742YR Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

유사한 설명 - AD7742YR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BNZ AD-AD7741BNZ Datasheet
120Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com