전자부품 데이터시트 검색엔진 |
|
AD7746ARUZ 데이터시트(PDF) 11 Page - Analog Devices |
|
AD7746ARUZ 데이터시트(HTML) 11 Page - Analog Devices |
11 / 28 page AD7745/AD7746 Rev. 0| Page 11 of 28 OUTPUT NOISE AND RESOLUTION SPECIFICATIONS The AD7745/AD7746 resolution is limited by noise. The noise performance varies with the selected conversion time. Table 5 shows typical noise performance and resolution for the capacitive channel. These numbers were generated from 1000 data samples acquired in continuous conversion mode, at an excitation of 32 kHz, ±VDD/2, and with all CIN and EXC pins connected only to the evaluation board (no external capacitors.) Table 6 and Table 7 show typical noise performance and resolution for the voltage channel. These numbers were generated from 1000 data samples acquired in continuous conversion mode with VIN pins shorted to ground. RMS noise represents the standard deviation and p-p noise represents the difference between minimum and maximum results in the data. Effective resolution is calculated from rms noise, and p-p resolution is calculated from p-p noise. Table 5. Typical Capacitive Input Noise and Resolution vs. Conversion Time Conversion Time (ms) Output Data Rate (Hz) –3dB Frequency (Hz) RMS Noise (aF/√Hz) RMS Noise (aF) P-P Noise (aF) Effective Resolution (Bits) P-P Resolution (Bits) 11.0 90.9 87.2 4.3 40.0 212.4 17.6 15.2 11.9 83.8 79.0 3.1 27.3 137.7 18.2 15.9 20.0 50.0 43.6 1.8 12.2 82.5 19.4 16.6 38.0 26.3 21.8 1.6 7.3 50.3 20.1 17.3 62.0 16.1 13.8 1.5 5.4 33.7 20.5 17.9 77.0 13.0 10.5 1.5 4.9 28.3 20.7 18.1 92.0 10.9 8.9 1.5 4.4 27.8 20.8 18.2 109.6 9.1 8.0 1.5 4.2 27.3 20.9 18.2 Table 6. Typical Voltage Input Noise and Resolution vs. Conversion Time, Internal Voltage Reference Conversion Time (ms) Output Data Rate (Hz) –3dB Frequency (Hz) RMS Noise (µV) P-P Noise (µV) Effective Resolution (Bits) P-P Resolution (Bits) 20.1 49.8 26.4 11.4 62 17.6 15.2 32.1 31.2 15.9 7.1 42 18.3 15.7 62.1 16.1 8.0 4.0 28 19.1 16.3 122.1 8.2 4.0 3.0 20 19.5 16.8 Table 7. Typical Voltage Input Noise and Resolution vs. Conversion Time, External 2.5 V Voltage Reference Conversion Time (ms) Output Data Rate (Hz) –3dB Frequency (Hz) RMS Noise (µV) P-P Noise (µV) Effective Resolution (Bits) P-P Resolution (Bits) 20.1 49.8 26.4 14.9 95 18.3 15.6 32.1 31.2 15.9 6.3 42 19.6 16.8 62.1 16.1 8.0 3.3 22 20.5 17.7 122.1 8.2 4.0 2.1 15 21.1 18.3 |
유사한 부품 번호 - AD7746ARUZ |
|
유사한 설명 - AD7746ARUZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |