전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7801BRU 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD7801BRU
상세설명  2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7801BRU 데이터시트(HTML) 2 Page - Analog Devices

  AD7801BRU Datasheet HTML 1Page - Analog Devices AD7801BRU Datasheet HTML 2Page - Analog Devices AD7801BRU Datasheet HTML 3Page - Analog Devices AD7801BRU Datasheet HTML 4Page - Analog Devices AD7801BRU Datasheet HTML 5Page - Analog Devices AD7801BRU Datasheet HTML 6Page - Analog Devices AD7801BRU Datasheet HTML 7Page - Analog Devices AD7801BRU Datasheet HTML 8Page - Analog Devices AD7801BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD7801–SPECIFICATIONS
(VDD = +2.7 V to +5.5 V, Internal Reference; CL = 100 pF, RL = 10 k
to VDD and GND.
All specifications TMIN to TMAX unless otherwise noted.)
Parameter
B Versions1
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
Bits
Relative Accuracy
2
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Zero-Code Error @ +25
°C
3
LSB typ
All Zeros Loaded to DAC Register
Full-Scale Error
–0.75
LSB typ
All Ones Loaded to DAC Register
Zero-Code Error Drift
100
µV/°C typ
Gain Error
3
±1
% FSR typ
DAC REFERENCE INPUT
REFIN Input Range
1 to VDD/2
V min/V max
REFIN Input Impedance
10
M
Ω typ
OUTPUT CHARACTERISTICS
Output Voltage Range
0 to VDD
V min/V max
Output Voltage Settling Time
2
µs max
Typically 1.2
µs
Slew Rate
7.5
V/
µs typ
Digital-to-Analog Glitch Impulse
1
nV-s typ
1 LSB Change Around Major Carry
Digital Feedthrough
0.2
nV-s typ
DC Output Impedance
40
Ω typ
Short Circuit Current
14
mA typ
Power Supply Rejection Ratio
4
0.0003
%/% max
∆V
DD = ± 10%
LOGIC INPUTS
Input Current
±10
µA max
VINL, Input Low Voltage
0.8
V max
VDD = +5 V
VINL, Input Low Voltage
0.6
V max
VDD = +3 V
VINH, Input High Voltage
2.4
V min
VDD = +5 V
VINH, Input High Voltage
2.1
V min
VDD = +3 V
Pin Capacitance
7
pF max
POWER REQUIREMENTS
VDD
2.7/5.5
V min/V max
IDD (Normal Mode)
DAC Active and Excluding Load Current
VDD = 3.3 V
VIH = VDD and VIL = GND
@ 25
°C
1.55
mA max
See Figure 6
TMIN to TMAX
1.75
mA max
VDD = 5.5 V
@ 25
°C
2.35
mA max
TMIN to TMAX
2.5
mA max
IDD (Power-Down)
@ 25
°C1
µA max
VIH = VDD and VIL = GND
TMIN to TMAX
2
µA max
See Figure 18
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +105°C
2Relative Accuracy is calculated using a reduced code range of 15 to 245.
3Gain Error is specified between Codes 15 and 245. The actual error at Code 15 is typically 3 LSB.
4Guaranteed by characterization at product release, not production tested.
Specifications subject to change without notice.
Figure 1. Timing Diagram for Parallel Data Write
t1
t2
t4
t3
t5
t6
t7
t8
CS
WR
D7-D0
LDAC
CLR


유사한 부품 번호 - AD7801BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7801BRU AD-AD7801BRU Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRU AD-AD7801BRU Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
More results

유사한 설명 - AD7801BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com