전자부품 데이터시트 검색엔진 |
|
AD7920AKS-REEL 데이터시트(PDF) 8 Page - Analog Devices |
|
AD7920AKS-REEL 데이터시트(HTML) 8 Page - Analog Devices |
8 / 24 page AD7910/AD7920 Rev. C | Page 8 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to +7 V Analog Input Voltage to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to +7 V Digital Output Voltage to GND −0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies1 ± 10 mA Operating Temperature Range Commercial (A, B Grade) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C MSOP Package θJA Thermal Impedance 205.9°C/W θJC Thermal Impedance 43.74°C/W SC70 Package θJA Thermal Impedance 340.2°C/W θJC Thermal Impedance 228.9°C/W Lead Temperature, Soldering Reflow (10 sec to 30 sec) 235 (0/+5)°C ESD 3.5 kV 1 Transient currents of up to 100 mA will not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
유사한 부품 번호 - AD7920AKS-REEL |
|
유사한 설명 - AD7920AKS-REEL |