전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9235BRUZ-20 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD9235BRUZ-20
상세설명  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9235BRUZ-20 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD9235BRUZ-20 Datasheet HTML 7Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 8Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 9Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 10Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 11Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 12Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 13Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 14Page - Analog Devices AD9235BRUZ-20 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
AD9235
Rev. D | Page 11 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.0 V, DRVDD = 2.5 V, fSAMPLE = 65 MSPS with DCS disabled, TA = 25°C, 2 V differential input, AIN = −0.5 dBFS, VREF = 1.0 V,
unless otherwise noted.
FREQUENCY (MHz)
32.5
0
6.5
13.0
19.5
26.0
0
–20
–40
–60
–80
–100
–120
SNR = 70.3dBc
SINAD = 70.2dBc
ENOB = 11.4 BITS
THD = –86.3dBc
SFDR = 89.9dBc
Figure 9. Single Tone 8K FFT with fIN = 10 MHz
FREQUENCY (MHz)
91.0
65.0
71.5
78.0
84.5
0
–20
–40
–60
–80
–100
–120
SNR = 69.4dBc
SINAD = 69.1dBc
ENOB = 11.2 BITS
THD = –81.0dBc
SFDR = 83.8dBc
Figure 10. Single Tone 8K FFT with fIN = 70 MHz
FREQUENCY (MHz)
130.0
97.5
104.0
110.5
117.0
123.5
0
–20
–40
–60
–80
–100
–120
SNR = 68.5dBc
SINAD = 66.5dBc
ENOB = 10.8 BITS
THD = –71.0dBc
SFDR = 71.2dBc
Figure 11. Single Tone 8K FFT with fIN = 100 MHz
SAMPLE RATE (MSPS)
65
40
45
50
55
60
100
95
90
80
70
60
85
75
65
55
50
SFDR (2V DIFF)
SNR (2V SE)
SNR (2V DIFF)
SFDR (2V SE)
Figure 12. AD9235-65: Single Tone SNR/SFDR vs.
fCLK with fIN = Nyquist (32.5 MHz)
SAMPLE RATE (MSPS)
40
20
25
30
35
100
95
90
85
80
75
70
65
60
55
50
SNR (2V SE)
SFDR (2V DIFF)
SNR (2V DIFF)
SFDR (2V SE)
Figure 13. AD9235-40: Single Tone SNR/SFDR vs. fCLK with fIN = Nyquist (20 MHz)
SAMPLE RATE (MSPS)
20
0
5
10
15
100
90
95
85
80
75
65
70
55
60
50
SFDR (2V DIFF)
SNR (2V DIFF)
SFDR (2V SE)
SNR (2V SE)
Figure 14. AD9235-20: Single Tone SNR/SFDR vs. fCLK with fIN = Nyquist (10 MHz)


유사한 부품 번호 - AD9235BRUZ-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235BRUZ-20 AD-AD9235BRUZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRUZ-20 AD-AD9235BRUZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRUZ-20 AD-AD9235BRUZ-20 Datasheet
833Kb / 41P
   3V A/D Converter
More results

유사한 설명 - AD9235BRUZ-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com