전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9235BCPZRL7-65 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9235BCPZRL7-65
상세설명  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9235BCPZRL7-65 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9235BCPZRL7-65 Datasheet HTML 2Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 3Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 4Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 5Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 9Page - Analog Devices AD9235BCPZRL7-65 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9235
Data Sheet
Rev. D | Page 6 of 40
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE
fINPUT = 2.4 MHz
25°C
V
92.0
92.0
92.0
dBc
fINPUT = 9.7 MHz
Full
IV
80.0
88.5
dBc
25°C
I
91.0
dBc
fINPUT = 19.6 MHz
Full
IV
80.0
89.0
dBc
25°C
I
90.0
dBc
fINPUT = 32.5 MHz
Full
IV
74.0
83.0
dBc
25°C
I
85.0
dBc
fINPUT = 100 MHz
25°C
V
84.0
85.0
80.5
dBc


유사한 부품 번호 - AD9235BCPZRL7-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235BCPZRL7-65 AD-AD9235BCPZRL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZRL7-65 AD-AD9235BCPZRL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZRL7-65 AD-AD9235BCPZRL7-65 Datasheet
833Kb / 41P
   3V A/D Converter
More results

유사한 설명 - AD9235BCPZRL7-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com