전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7612BSWZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADV7612BSWZ
상세설명  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ 데이터시트(HTML) 1 Page - Analog Devices

  ADV7612BSWZ Datasheet HTML 1Page - Analog Devices ADV7612BSWZ Datasheet HTML 2Page - Analog Devices ADV7612BSWZ Datasheet HTML 3Page - Analog Devices ADV7612BSWZ Datasheet HTML 4Page - Analog Devices ADV7612BSWZ Datasheet HTML 5Page - Analog Devices ADV7612BSWZ Datasheet HTML 6Page - Analog Devices ADV7612BSWZ Datasheet HTML 7Page - Analog Devices ADV7612BSWZ Datasheet HTML 8Page - Analog Devices ADV7612BSWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual Port, Xpressview,
225 MHz HDMI Receiver
Data Sheet
ADV7612
Rev.
D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©
2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
High-Definition Multimedia Interface (HDMI®) 1.4a features
supported
All mandatory and additional 3D video formats supported
Extended colorimetry, including sYCC601, Adobe RGB,
Adobe YCC 601, xvYCC extended gamut color
CEC 1.4-compatible
HDMI receiver
225 MHz maximum TMDS clock frequency
Xpressview fast switching of HDMI ports
36-/30-bit Deep Color and 24-bit color support
High-bandwidth Digital Content Protection (HDCP) 1.4
support with internal HDCP keys
HDCP repeater support
Up to 127 KSVs supported
Integrated CEC controller
Programmable HDMI equalizer
5 V detect and Hot Plug assert for each HDMI port
Audio support
Audio support including high bit rate (HBR) and direct
stream digital (DSD)
S/PDIF (IEC 60958-compatible) digital audio support
Supports up to four I2S outputs
Advanced audio mute feature
Dedicated, flexible audio output port
Super audio CD (SACD) with DSD output interface
HBR audio
Dolby® TrueHD
DTS-HD Master Audio™
General
Interrupt controller with two interrupt outputs
Standard Identification (STDI) circuit
Highly flexible 36-bit pixel output interface
Internal EDID RAM
Any-to-any 3 × 3 color space conversion (CSC) matrix
2-layer PCB design supported
100-lead LQFP_EP, 14 mm × 14 mm package
Qualified for Automotive Applications
APPLICATIONS
Projectors
Automotive
Video conferencing
HDTVs
AVR, HTiB
Soundbars
Video switches
FUNCTIONAL BLOCK DIAGRAM
HS/VS
4
I2S
S/PDIF
HDCP
KEYS
FAST
SWITCH
TMDS
DDC
HDMI1
TMDS
DDC
HDMI2
DEEP
COLOR
HDMI Rx
ADV7612
COMPONENT
PROCESSOR
36
5
FIELD/DE
LLC
DATA
MCLK
HBR
DSD
SCLK
LRCLK
AUDIO
OUTPUT
MCLK
SCLK
36-BIT
YCbCr/RGB
HS
VS/FIELD
DE
LLC
NOTES
1. LRCLK IS ACCESSIBLE THROUGH THE AP5 PIN.
Figure 1.


유사한 부품 번호 - ADV7612BSWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

유사한 설명 - ADV7612BSWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com