전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7171WBSZ-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADV7171WBSZ-REEL
상세설명  Digital PAL/NTSC Video Encoder
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7171WBSZ-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADV7171WBSZ-REEL Datasheet HTML 4Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 5Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 6Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 7Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 8Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 9Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 10Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 11Page - Analog Devices ADV7171WBSZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ADV7170/ADV7171
Rev. C | Page 8 of 64
VAA = 3.0 V to 3.6 V1, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX2, unless otherwise noted.
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT3, 4
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulse Width, t1
0.6
μs
SCLOCK Low Pulse Width, t2
1.3
μs
Hold Time (Start Condition), t3
After this period the first clock is generated
Relevant for repeated start condition
0.6
μs
Setup Time (Start Condition), t4
0.6
μs
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
μs
ANALOG OUTPUTS3, 5
Analog Output Delay
7
ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL AND PIXEL PORT4, 5, 6
fCLOCK
27
MHz
Clock High Time, t9
8
ns
Clock Low Time, t10
8
ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4
ns
Control Setup Time, t11
4
ns
Control Hold Time, t12
3
ns
Digital Output Access Time, t13
12
ns
Digital Output Hold Time, t14
8
ns
Pipeline Delay, t15
48
Clock cycles
TELETEXT3, 4, 7
Digital Output Access Time, t16
23
ns
Data Setup Time, t17
2
ns
Data Hold Time, t18
6
ns
RESET CONTROL3, 4
RESET Low Time
6
ns
1 The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V range.
2 Ambient temperature range TMIN to TMAX: −40°C to +85°C. The die temperature, TJ, must always be kept below 110°C.
3 TTL input values are 0 V to 3 V, with input rise/fall times ≤3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Analog output load ≤10 pF.
4 Guaranteed by characterization
5 Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition
6 Pixel Port consists of the following:
Pixel inputs:
P15–P0
Pixel controls:
HSYNC, FIELD/VSYNC, BLANK
Clock input:
CLOCK
7 Teletext port consists of the following:
Teletext output: TTXREQ
Teletext input:
TTX


유사한 부품 번호 - ADV7171WBSZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7171 AD-ADV7171 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171KS AD-ADV7171KS Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171SU AD-ADV7171SU Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
More results

유사한 설명 - ADV7171WBSZ-REEL

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com