전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC081S051CIMF 데이터시트(PDF) 4 Page - Texas Instruments

부품명 ADC081S051CIMF
상세설명  ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADC081S051CIMF 데이터시트(HTML) 4 Page - Texas Instruments

  ADC081S051CIMF Datasheet HTML 1Page - Texas Instruments ADC081S051CIMF Datasheet HTML 2Page - Texas Instruments ADC081S051CIMF Datasheet HTML 3Page - Texas Instruments ADC081S051CIMF Datasheet HTML 4Page - Texas Instruments ADC081S051CIMF Datasheet HTML 5Page - Texas Instruments ADC081S051CIMF Datasheet HTML 6Page - Texas Instruments ADC081S051CIMF Datasheet HTML 7Page - Texas Instruments ADC081S051CIMF Datasheet HTML 8Page - Texas Instruments ADC081S051CIMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ADC081S051
SNAS309E – APRIL 2005 – REVISED MARCH 2013
www.ti.com
ADC081S051 Converter Electrical Characteristics
(1) (2)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 4 MHz to 10 MHz,
fSAMPLE = 200 ksps to 500 ksps, CL = 15 pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX:
all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
VA = +2.7V to +3.6V
±0.04
±0.3
LSB (max)
INL
Integral Non-Linearity
+0.06
LSB (max)
VA = +4.75V to +5.25V
±0.3
−0.045
LSB (min)
VA = +2.7V to +3.6V
±0.05
±0.2
LSB (max)
DNL
Differential Non-Linearity
+0.06
LSB (max)
VA = +4.75V to +5.25V
±0.2
−0.05
LSB (min)
VA = +2.7V to +3.6V
−0.01
±0.2
LSB (max)
VOFF
Offset Error
VA = +4.75V to +5.25V
+0.04
±0.2
LSB (max)
VA = +2.7V to +3.6V
+0.01
±0.4
LSB (max)
GE
Gain Error
VA = +4.75V to +5.25V
−0.075
±0.4
LSB (max)
+0.04
LSB (max)
VA = +2.7V to +3.6V
±0.3
−0.045
LSB (min)
TUE
Total Unadjusted Error
+0.07
LSB (max)
VA = +4.75V to +5.25V
±0.3
−0.055
LSB (min)
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7 to 5.25V
SINAD
Signal-to-Noise Plus Distortion Ratio
49.5
49
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SNR
Signal-to-Noise Ratio
49.6
49
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
THD
Total Harmonic Distortion
−77
−65
dB (max)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SFDR
Spurious-Free Dynamic Range
68
65
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
ENOB
Effective Number of Bits
7.9
7.8
Bits (min)
fIN = 100 kHz, −0.02 dBFS
Intermodulation Distortion, Second
VA = +5.25V
−83
dB
Order Terms
fa = 103.5 kHz, fb = 113.5 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−82
dB
Terms
fa = 103.5 kHz, fb = 113.5 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
4
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VA = +5.25V
0.8
V (max)
VIL
Input Low Voltage
VA = +3.6V
0.4
V (max)
IIN
Input Current
VIN = 0V or VA
±0.1
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
(1)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
(2)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC081S051


유사한 부품 번호 - ADC081S051CIMF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC081S051CISD NSC-ADC081S051CISD Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC081S051CISDX NSC-ADC081S051CISDX Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
More results

유사한 설명 - ADC081S051CIMF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com