전자부품 데이터시트 검색엔진 |
|
CD74HCT14PW 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
CD74HCT14PW 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 16 page 3 Absolute Maximum Ratings Thermal Information DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA DC Drain Current, per Output, IO For -0.5V < VO < VCC +0.5V . . . . . . . . . . . . . . . . . . . . . . . . . .±25mA DC Output Source or Sink Current per Output Pin, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA Operating Conditions Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55 oC to 125oC Supply Voltage Range, VCC HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC Thermal Resistance (Typical, Note 1) θJA (oC/W) E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80 M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86 PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113 Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. The package thermal impedance is calculated in accordance with JESD 51-7. DC Electrical Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN MAX MIN MAX MIN MAX HC TYPES Input Switch Points VT+ - - 2 0.7 1.5 0.7 1.5 0.7 1.5 V 4.5 1.7 3.15 1.7 3.15 1.7 3.15 V 6 2.1 4.2 2.1 4.2 2.1 4.2 V VT- - - 2 0.3 1.0 0.3 1.0 0.3 1.0 V 4.5 0.9 2.2 0.9 2.2 0.9 2.2 V 6 1.2 3.0 1.2 3.0 1.2 3.0 V VH - - 2 0.2 1.0 0.2 1.0 0.2 1.0 V 4.5 0.4 1.4 0.4 1.4 0.4 1.4 V 6 0.6 1.6 0.6 1.6 0.6 1.6 V High Level Output Voltage CMOS Loads VOH VT- -0.02 2 1.9 - 1.9 - 1.9 - V -0.02 4.5 4.4 - 4.4 - 4.4 - V -0.02 6 5.9 - 5.9 - 5.9 - V High Level Output Voltage TTL Loads -------- V -4 4.5 3.98 - 3.84 - 3.7 - V -5.2 6 5.48 - 5.34 - 5.2 - V Low Level Output Voltage CMOS Loads VOL VT+ 0.02 2 - 0.1 - 0.1 - 0.1 V 0.02 4.5 - 0.1 - 0.1 - 0.1 V 0.02 6 - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads -------- V 4 4.5 - 0.26 - 0.33 - 0.4 V 5.2 6 - 0.26 - 0.33 - 0.4 V CD54HC14, CD74HC14, CD54HCT, CD74HCT14 |
유사한 부품 번호 - CD74HCT14PW |
|
유사한 설명 - CD74HCT14PW |