전자부품 데이터시트 검색엔진 |
|
M-IAC5 데이터시트(PDF) 1 Page - Crydom Inc., |
|
M-IAC5 데이터시트(HTML) 1 Page - Crydom Inc., |
1 / 4 page M SERIES INPUT MODULES • Plug into mounting boards for M Series modules • AC Inputs (Yellow Case) for 24 V, 120 V, 240 V • DC Inputs (White Case) for 3.3 to 32 V, 10 to 48 V • 4kV Optical isolation • Open-collector Output • Industry standard packaging SPECIFICATIONS (1) Input Part Number M-IAC5 M- IAC5A M- IAC24 M- IAC24A M-IDC5 Voltage Range 90-140 VAC/DC 180-280 VAC/DC 90-140 VAC/DC 180-280 VAC/DC 3.3-32 VDC/AC Maximum Current [mA](4) 6 5 6 5 34 Resistance [Ohms](2)(3) 28 k 75 k 28 k 75 k 500 Drop-out Current [mA](5) 2 1.5 2 1.5 1.0 Voltage for No Output [VAC/VDC](6) 50 50 50 50 2.0 Allowable Current [mA] 2.5 2 2.5 2 1.5 Output Maximum Voltage[VDC](9) 30 30 30 30 30 Maximum Voltage Drop [VDC](12) 0.2 0.2 0.2 0.2 0.2 Nominal Logic Supply Voltage [VDC] 5.0 5.0 24 24 5.0 Logic Supply Voltage Range [VDC] 3.0-6.0 3.0-6.0 20-30 20-30 3.0-6.0 Maximum Current [mA](10) 50 50 50 50 50 Maximum Logic Supply Current [mA](7) 16.0 16.0 16.0 16.0 16.0 Maximum Logic Supply Leakage Current [µA](8) 10.0 10.0 10.0 10.0 10.0 Maximum Leakage Current [µA](11) 10.0 10.0 10.0 10.0 10.0 Maximum Turn-On Time [msec] (13) 20 20 20 20 1.0 Maximum Turn-Off Time [msec] (13) 20 20 20 20 1.0 SPECIFICATIONS (1) Input Part Number M-IDC24 M-IDC5F M-IDC5N Voltage Range 3.3-32 VDC/AC 4-32 V 10-48 VDC/AC Maximum Current [mA](4) 34 68 34 Resistance [Ohms](2)(3) 1 k 500 1 k Drop-out Current [mA](5) 1 1 1 Voltage for No Output [VAC/VDC](6) 2 2 4 Allowable Current [mA] 1.5 1.5 1.5 Output Maximum Voltage[VDC](9) 30 30 30 Maximum Voltage Drop [VDC](12) 0.2 0.2 0.2 Nominal Logic Supply Voltage [VDC] 24 5.0 5.0 Logic Supply Voltage Range [VDC] 20-30 3.0-6.0 3.0-6.0 Maximum Current [mA](10) 50 50 50 Maximum Logic Supply Current [mA](7) 16.0 16.0 16.0 Maximum Logic Supply Leakage Current [µA](8) 10.0 10.0 10.0 Maximum Leakage Current [µA](11) 10.0 10.0 10.0 Maximum Turn-On Time [msec] (13) 1.0 0.05 8.0 Maximum Turn-Off Time [msec] (13) 1.0 0.10 7.0 |
유사한 설명 - M-IAC5_11 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |