전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21215MHX 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM21215MHX
상세설명  15A High Efficiency Point of Load Synchronous Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215MHX 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM21215MHX Datasheet HTML 4Page - Texas Instruments LM21215MHX Datasheet HTML 5Page - Texas Instruments LM21215MHX Datasheet HTML 6Page - Texas Instruments LM21215MHX Datasheet HTML 7Page - Texas Instruments LM21215MHX Datasheet HTML 8Page - Texas Instruments LM21215MHX Datasheet HTML 9Page - Texas Instruments LM21215MHX Datasheet HTML 10Page - Texas Instruments LM21215MHX Datasheet HTML 11Page - Texas Instruments LM21215MHX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
-40 -20
0
20
40
60
80 100 120
6.6
6.8
7.0
7.2
7.4
7.6
7.8
8.0
JUNCTION TEMPERATURE (°C)
VIN = 3.3V
VIN = 5.5V
VOUT (50 mV/Div)
IOUT (10A/Div)
3.0
3.5
4.0
4.5
5.0
5.5
14
15
16
17
18
19
20
21
22
VIN(V)
RILIM = 24.9k
RILIM = 16.5k
-40 -20
0
20
40
60
80 100 120
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
JUNCTION TEMPERATURE (°C)
VIN = 3.3V
VIN = 5.5V
-40 -20
0
20
40
60
80 100 120
2
3
4
5
6
7
8
9
10
JUNCTION TEMPERATURE (°C)
LOW SIDE
HIGH SIDE
3.0
3.5
4.0
4.5
5.0
5.5
4
5
6
7
8
9
10
11
12
VIN(V)
RILIM = 41.2k
RILIM = 74.9k
LM21215
SNVS625E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5V, VOUT = 1.2V, L= 0.56µH (1.8mΩ RDCR), CSS = 33nF, TA = 25°C for efficiency curves,
loop gain plots and waveforms, and TJ = 25°C for all others.
FET Resistance vs. Temperature
Peak Current Limit (ICLR) vs. VIN
Figure 14.
Figure 15.
Peak Current Limit (ICLR) vs. Temperature
Peak Current Limit (ICLR) vs. VIN
RILIM = 10 kΩ
Figure 16.
Figure 17.
Peak Current Limit (ICLR) vs. Temperature
RILIM = 61.9 kΩ
Load Transient Response
100 µs/DIV
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21215


유사한 부품 번호 - LM21215MHX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
LM21215AMH-1/NOPB TI1-LM21215AMH-1/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results

유사한 설명 - LM21215MHX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
Shenzhen Guan Hua Wei Y...
WSF55P06 WIINSOK-WSF55P06 Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous
logo
ON Semiconductor
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
   15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
   15A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com