전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AME8841AEHAZ 데이터시트(PDF) 3 Page - Analog Microelectronics

부품명 AME8841AEHAZ
상세설명  600mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AME [Analog Microelectronics]
홈페이지  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8841AEHAZ 데이터시트(HTML) 3 Page - Analog Microelectronics

  AME8841AEHAZ Datasheet HTML 1Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 2Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 3Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 4Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 5Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 6Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 7Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 8Page - Analog Microelectronics AME8841AEHAZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AME
3
AME8841
600mA CMOS LDO
Rev.H.02
n Ordering Information (contd.)
Note: yyww represents the date code
* A line on top of the first character represents lead free plating such as 8841
Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8841AEHA
8841
AEHA
yyww
3.3V
SOP-8
- 40
oC to + 85oC
AME8841AEHAZ
8841
AEHA
yyww
3.3V
SOP-8
- 40
oC to + 85oC
AME8841BEHA
8841
BEHA
yyww
3.0V
SOP-8
- 40
oC to + 85oC
AME8841BEHAZ
8841
BEHA
yyww
3.0V
SOP-8
- 40
oC to + 85oC
AME8841CEHA
8841
CEHA
yyww
2.8V
SOP-8
- 40
oC to + 85oC
AME8841CEHAZ
8841
CEHA
yyww
2.8V
SOP-8
- 40
oC to + 85oC
AME8841DEHA
8841
DEHA
yyww
2.5V
SOP-8
- 40
oC to + 85oC
AME8841DEHAZ
8841
DEHA
yyww
2.5V
SOP-8
- 40
oC to + 85oC
AME8841EEHA
8841
EEHA
yyww
3.8V
SOP-8
- 40
oC to + 85oC
AME8841EEHAZ
8841
EEHA
yyww
3.8V
SOP-8
- 40
oC to + 85oC
AME8841FEHA
8841
FEHA
yyww
3.6V
SOP-8
- 40
oC to + 85oC
AME8841FEHAZ
8841
FEHA
yyww
3.6V
SOP-8
- 40
oC to + 85oC


유사한 부품 번호 - AME8841AEHAZ

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME8841AEHAZ AME-AME8841AEHAZ Datasheet
155Kb / 14P
   600mA CMOS LDO
More results

유사한 설명 - AME8841AEHAZ

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com