전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847QAPN 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BC847QAPN
상세설명  45 V, 100 mA NPN/PNP general-purpose transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847QAPN 데이터시트(HTML) 1 Page - NXP Semiconductors

  BC847QAPN Datasheet HTML 1Page - NXP Semiconductors BC847QAPN Datasheet HTML 2Page - NXP Semiconductors BC847QAPN Datasheet HTML 3Page - NXP Semiconductors BC847QAPN Datasheet HTML 4Page - NXP Semiconductors BC847QAPN Datasheet HTML 5Page - NXP Semiconductors BC847QAPN Datasheet HTML 6Page - NXP Semiconductors BC847QAPN Datasheet HTML 7Page - NXP Semiconductors BC847QAPN Datasheet HTML 8Page - NXP Semiconductors BC847QAPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BC847QAPN
45 V, 100 mA NPN/PNP general-purpose transistor
19 July 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
NPN/PNP general-purpose transistor in a leadless ultra small DFN1010B-6 (SOT1216)
Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
Reduces component count
Reduces pick and place costs
AEC-Q101 qualified
Low package height of 0.37 mm
3. Applications
General-purpose switching and amplification
Mobile applications
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter
voltage
open base
-
-
45
V
IC
collector current
-
-
100
mA
Per transistor; for the PNP transistor with negative polarity
hFE
DC current gain
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
200
-
450


유사한 부품 번호 - BC847QAPN

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
More results

유사한 설명 - BC847QAPN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847BPN115 PHILIPS-BC847BPN115 Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BVN NEXPERIA-BC847BVN Datasheet
200Kb / 9P
   45 V, 100 mA NPN/PNP general purpose transistor
27 December 2022
BC847BPN-Q NEXPERIA-BC847BPN-Q Datasheet
267Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
17 June 2021
BC847BPN NEXPERIA-BC847BPN Datasheet
264Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
1 July 2022
BC847QAPN NEXPERIA-BC847QAPN Datasheet
260Kb / 13P
   45 V, 100 mA NPN/PNP general-purpose transistor
30 October 2018
logo
NXP Semiconductors
BC847BPN NXP-BC847BPN Datasheet
108Kb / 14P
   45 V, 100 mA NPN/PNP general-purpose transistor
Rev. 04-18 February 2009
logo
Nexperia B.V. All right...
BC847BPNH-Q NEXPERIA-BC847BPNH-Q Datasheet
268Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC847BPNH NEXPERIA-BC847BPNH Datasheet
267Kb / 12P
   45 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
   45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
logo
Nexperia B.V. All right...
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
   45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com