전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD2S44-TM18B 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD2S44-TM18B
상세설명  Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD2S44-TM18B 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD2S44-TM18B Datasheet HTML 4Page - Analog Devices AD2S44-TM18B Datasheet HTML 5Page - Analog Devices AD2S44-TM18B Datasheet HTML 6Page - Analog Devices AD2S44-TM18B Datasheet HTML 7Page - Analog Devices AD2S44-TM18B Datasheet HTML 8Page - Analog Devices AD2S44-TM18B Datasheet HTML 9Page - Analog Devices AD2S44-TM18B Datasheet HTML 10Page - Analog Devices AD2S44-TM18B Datasheet HTML 11Page - Analog Devices AD2S44-TM18B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD2S44
Data Sheet
Rev. B | Page 8 of 12
OUTPUT ENABLE (OE)
OE is the output enable input; the signal is active low. When set
to Logic 1, DB1 to DB14 are in high impedance state. When OE
is set to Logic 0, DB1 to DB14 represent the angle of the transducer
shaft to within the stated accuracy of the converter (see bit weights
in Table 4). Data becomes valid 640 ns after the OE is switched.
Timing information is shown in Figure 4 and Figure 5 and
detailed in Table 1.
Table 4. Bit Weight
Bit No.
Weight (Degrees)
1 (MSB)
180.0000
2
90.0000
3
45.0000
4
22.5000
5
11.2500
6
5.6250
7
2.8125
8
1.4063
9
0.7031
10
0.3516
11
0.1758
12
0.0879
13
0.0439
14 ( LSB)
0.0220
CHANNEL B
VALID*
CHANNEL A
VALID*
tR
tS
tS
OE
A/B
DATA
BITS
(1 TO 14)
*CONVERTER DATA OUTPUT IS INHIBITED FROM UPDATES
DURING CHANNEL VALID.
Figure 4. Repetitive Reading of One Channel
OE
A/B
DATA
BITS
(1 TO 14)
DATA
VALID*
DATA
VALID*
tR
tS
tP
*CONVERTER DATA OUTPUT IS INHIBITED FROM UPDATES
DURING CHANNEL VALID.
Figure 5. Alternative Reading of Each Channel
BUILT-IN TEST (BIT)
The BIT is the built-in test error output, which provides an over-
velocity or fault indication signal for the channel selected via A/B.
The error voltage of each channel is continuously monitored. When
the error exceeds ±50 bits for the currently selected channel, the
BIT output goes low, indicating that an error greater than approx-
imately one angular degree exists, and the data is, therefore, invalid.
The BIT signal has a built-in hysteresis; that is, the error required to
set the BIT is greater than the error required for it to be cleared.
The BIT is set when the error exceeds 55 LSBs and is cleared when
the error goes below 45 LSBs. This mode of operation guarantees
that the BIT does not flicker when the error threshold is crossed.
The BIT is valid for the selected channel approximately 50 ns after
the change in the state of A/B. In most instances, the error condi-
tion that sets the BIT must persist for at least one period of the
reference signal prior to the BIT responding to the condition.
Table 5. BIT Output Faults
Condition
Description
Power-Up Transient
Response
The BIT returns to a logic high state after
the AD2S44 position output synchronizes
with the angle input to within 1°.
Normally, the BIT is low at power-up for
a period less than or equal to the large
signal step response settling time of the
AD2S44 after the ±VS supplies have
stabilized to within 5% of their final values.
Step Input > 1°
The BIT returns to a logic high state after
the selected channel of the AD2S44 has
settled to within 1° of the input angle
resulting from an instantaneous step.
Excessive Velocity
The BIT is driven to a logic low if the
maximum tracking rate of the AD2S44 is
exceeded (20 rps typical).
Signal Failure
The BIT may be driven to a logic low state if
all signal voltages to the selected channel
are lost.
Converter/System
Failure
Any failure that causes the AD2S44 to fail
to track the input synchro/resolver angles
drives the BIT to a logic low. This may
include, but is not limited to, acceleration
conditions, poor supply voltage regulation,
or excessive noise on the signal connections.


유사한 부품 번호 - AD2S44-TM18B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
More results

유사한 설명 - AD2S44-TM18B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S44 AD-AD2S44_17 Datasheet
338Kb / 13P
   Dual Channel Synchro/Resolver-to-Digital Converter
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
SDC1768 AD-SDC1768 Datasheet
711Kb / 6P
   12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS
SDC174A411 AD-SDC174A411 Datasheet
3Mb / 8P
   12-and 14-bit hybrid Synchro/Resolver-to Digital Converters
SDC1768 AD-SDC1768_15 Datasheet
2Mb / 6P
   12 AND 14 BIT HYBRID SYNCHRO RESOLVER TO DIGITAL CONVERTERS
SDC1740 AD-SDC1740 Datasheet
363Kb / 8P
   12- and 14-Bit Hybrid Synchro/ Resolver-to-Digital Converters
REV. A
RDC1740-418B AD-RDC1740-418B Datasheet
3Mb / 8P
   12-and 14-Bit Hybrid Synchro/Resolver-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com