전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1871YRS 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD1871YRS
상세설명  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1871YRS 데이터시트(HTML) 5 Page - Analog Devices

  AD1871YRS Datasheet HTML 1Page - Analog Devices AD1871YRS Datasheet HTML 2Page - Analog Devices AD1871YRS Datasheet HTML 3Page - Analog Devices AD1871YRS Datasheet HTML 4Page - Analog Devices AD1871YRS Datasheet HTML 5Page - Analog Devices AD1871YRS Datasheet HTML 6Page - Analog Devices AD1871YRS Datasheet HTML 7Page - Analog Devices AD1871YRS Datasheet HTML 8Page - Analog Devices AD1871YRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. 0
–5–
AD1871
DATA INTERFACE TIMING (STANDALONE MODE–MASTER)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tBDLY
BCLK Delay
20
ns
From MCLK Rising
tBLDLY
LRCLK Delay to Low
10
ns
From BCLK Falling
tBDDLY
DOUT Delay
10
ns
From BCLK Falling
tBDDLY
BCLK
LRCLK
DOUT
LEFT-JUSTIFIED
MODE
DOUT
RIGHT-JUSTIFIED
MODE
LSB
DOUT
I2S-JUSTIFIED
MODE
tBDLY
tBLDLY
MSB
MSB–
MSB
MSB
8-BIT CLOCKS
(24-BIT DATA)
12-BIT CLOCKS
(20-BIT DATA)
16-BIT CLOCKS
(16-BIT DATA)
MCLK
1
Figure 2. Master Data Interface Timing


유사한 부품 번호 - AD1871YRS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com