전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7475BRMZ-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7475BRMZ-REEL
상세설명  1 MSPS,12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7475BRMZ-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7475BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 10Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 11Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 12Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 13Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 14Page - Analog Devices AD7475BRMZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7475/AD7495
Rev. B | Page 11 of 24
)
TERMINOLOGY
Integral Nonlinearity
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints of
the transfer function are zero scale, a point ½ LSB below the
first code transition, and full scale, a point ½ LSB above the last
code transition.
Differential Nonlinearity
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
The deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, that is, AGND + 0.5 LSB.
Gain Error
This is the deviation of the last code transition (111. . . 110) to
(111. . . 111) from the ideal (that is, VREF − 1.5 LSB) after the
offset error has been adjusted out.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode on the
13
th SCLK rising edge (see the Serial Interface section). The
track-and-hold acquisition time is the minimum time required
for the track-and-hold amplifier to remain in track mode for its
output to reach and settle to within 0.5 LSB of the applied input
signal, given a step change to the input signal.
Signal-to-Noise and Distortion Ratio (SINAD)
The measured ratio of signal-to-noise and distortion at the
output of the analog-to-digital converter (ADC). The signal is
the rms amplitude of the fundamental. Noise is the sum of all
nonfundamental signals up to half the sampling frequency
(fS/2), excluding dc. The ratio is dependent on the number of
quantization levels in the digitization process; the more levels,
the smaller the quantization noise. The theoretical SINAD ratio
for an ideal N-bit converter with a sine wave input is given by
() (
dB
76
.
1
02
.
6
+
=
+
N
Distortion
Noise
to
Signal
For a 12-bit converter, the SINAD is 74 dB.
Total Harmonic Distortion (THD)
The ratio of the rms sum of harmonics to the fundamental. For
the AD7475/AD7495, THD is defined as
()
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
The ratio of the rms value of the next largest component in
the ADC output spectrum (up to fS/2 and excluding dc) to
the rms value of the fundamental. Normally, the value of this
specification is determined by the largest harmonic in the
spectrum, but for ADCs where the harmonics are buried in
the noise floor, it is a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation distortion terms are those
for which neither m nor n is equal to zero. For example, the
second-order terms include (fa + fb) and (fa − fb), while the
third-order terms include (2fa + fb), (2fa − fb), (fa + 2fb), and
(fa − 2fb).
The AD7475/AD7495 are tested using the CCIF standard where
two input frequencies near the top end of the input bandwidth
are used. In this case, the second-order terms are usually
distanced in frequency from the original sine waves while the
third order terms are usually at a frequency close to the input
frequencies. As a result, the second- and third-order terms are
specified separately. Like THD, intermodulation distortion is
calculated as the rms sum of the individual distortion products
to the rms amplitude of the sum of the fundamentals, expressed
in dBs.


유사한 부품 번호 - AD7475BRMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7475BRMZ-REEL3 AD-AD7475BRMZ-REEL3 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7475BRMZ-REEL7 AD-AD7475BRMZ-REEL7 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475BRMZ-REEL73 AD-AD7475BRMZ-REEL73 Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
More results

유사한 설명 - AD7475BRMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com