전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SZ34F 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC7SZ34F
상세설명  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ34F 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ34F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7SZ34F/FU
2012-09-03
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ
Max
Min
Max
Unit
1.65 to
1.95
VCC
× 0.75
VCC
× 0.75
High-level input
voltage
VIH
2.3 to 5.5
VCC
× 0.7
VCC
× 0.7
1.65 to
1.95
VCC
× 0.25
VCC
× 0.25
Low-level input
voltage
VIL
2.3 to 5.5
VCC
× 0.3
VCC
× 0.3
V
1.65
1.55
1.65
1.55
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = −100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.15
1.9
IOH = −16 mA
3.0
2.4
2.8
2.4
IOH = −24 mA
3.0
2.3
2.68
2.3
High-level output
voltage
VOH
VIN = VIH
IOH = −32 mA
4.5
3.8
4.2
3.8
1.65
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Low-level output
voltage
VOL
VIN = VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
±1
±10
μA
Power OFF leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2
20
μA


유사한 부품 번호 - TC7SZ34F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ34FE TOSHIBA-TC7SZ34FE Datasheet
158Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ34FU TOSHIBA-TC7SZ34FU_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
More results

유사한 설명 - TC7SZ34F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com